Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 102 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 102 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 98Page - SMSC Corporation LPC47M182 Datasheet HTML 99Page - SMSC Corporation LPC47M182 Datasheet HTML 100Page - SMSC Corporation LPC47M182 Datasheet HTML 101Page - SMSC Corporation LPC47M182 Datasheet HTML 102Page - SMSC Corporation LPC47M182 Datasheet HTML 103Page - SMSC Corporation LPC47M182 Datasheet HTML 104Page - SMSC Corporation LPC47M182 Datasheet HTML 105Page - SMSC Corporation LPC47M182 Datasheet HTML 106Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
102
SMSC LPC47M182
DATASHEET
9.
Chip may modify nWRITE, PDIR and nPDATA in preparation of the next cycle.
Table 7.2 - EPP Pin Descriptions
EPP
SIGNAL
EPP NAME
TYPE
EPP DESCRIPTION
nWRITE
nWrite
O
This signal is active low. It denotes a write operation.
PD<0:7>
Address/Data
I/O
Bi-directional EPP byte wide address and data bus.
INTR
Interrupt
I
This signal is active high and positive edge triggered. (Pass
through with no inversion, Same as SPP).
nWAIT
nWait
I
This signal is active low. It is driven inactive as a positive
acknowledgement from the device that the transfer of data is
completed. It is driven active as an indication that the device
is ready for the next transfer.
nDATASTB
nData Strobe
O
This signal is active low. It is used to denote data read or
write operation.
nRESET
nReset
O
This signal is active low. When driven active, the EPP
device is reset to its initial operational mode.
nADDRSTB
Address
Strobe
O
This signal is active low. It is used to denote address read or
write operation.
PE
Paper End
I
Same as SPP mode.
SLCT
Printer
Selected
Status
I
Same as SPP mode.
nERR
Error
I
Same as SPP mode.
Note 1: SPP and EPP can use 1 common register.
Note 2: nWrite is the only EPP output that can be over-ridden by SPP control port during an EPP cycle. For correct
EPP read cycles, PCD is required to be a low.
7.10.1 Extended Capabilities Parallel Port
ECP provides a number of advantages, some of which are listed below. The individual features are
explained in greater detail in the remainder of this section.
High performance half-duplex forward and reverse channel Interlocked handshake, for fast reliable transfer
Optional single byte RLE compression for improved throughput (64:1) Channel addressing for low-cost
peripherals Maintains link and data layer separation Permits the use of active output drivers permits the
use of adaptive signal timing Peer-to-peer capability.
7.10.2 Vocabulary
The following terms are used in this document:
assert: When a signal asserts it transitions to a "true" state, when a signal deasserts it transitions to a
"false" state.
forward: Host to Peripheral communication.
reverse:
Peripheral to Host communication
Pword: A port word; equal in size to the width of the LPC interface. For this implementation, PWord is
always 8 bits.
1
A high level.
0
A low level.
These terms may be considered synonymous:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com