Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 18 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 18 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 18 -
4.6 Cooling design
Tj(max) for the MR4000 Series is 150°C. Since the operation of the MR4000 Series is accompanied by an increase in
temperature associated with power losses, you must carefully consider the type of heat sink needed. Additionally, if the
design must ensure that Tj(max) is not exceeded, you must also consider the thermal shutdown function (TSD = 150°C
(typical)). The extent to which Tj is derated in a design is critical for improving reliability.
Most power losses that occur while the devices in the MR Series operate are associated with the internal
MOSFET. If most power losses are considered ON losses, they may be expressed as follows:
PD =VDS ×ID
The temperature increase ΔTj attributable to power losses PD is expressed as follows:
ΔTj +Ta ≦Tj(max)
If TSD(min) is assumed to be 120°C, considering TSD = 150°C (typical), PD is constrained to satisfy the following
equation:
ΔTj+Ta≦TSD(min)
Tj may be calculated as follows using thermal resistance
θja.
Tj =( PD ×
θja) +Ta
θja, the junction-to-ambient thermal resistance, is
expressed as follows:
θja =θjc +θcf +θfa
The thermal shutdown (TSD) protective function stops and latches operation at 150°C in the event of abnormal
heat buildup in the MR Series. This means circuit design must incorporate a cooling design whereby the
temperature is sufficiently derated. Shindengen recommends setting a cooling design target so that the case
temperature will not exceed 100°C.
4.6.1 Junction temperature and power losses
4.6.2 Junction temperature and thermal resistance
Symbol
Unit
Junction-to-ambient thermal
resistance
θja
°C /W
Junction-to-case thermal
resistance
θjc
°C /W
Case-to-fin thermal resistance
(contact thermal resistance)
θcf
°C /W
Fin-to-ambient thermal resistance
(fin thermal resistance)
θfa
°C /W
4.6.3 Cautions for cooling design
4. Design procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com