Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 41 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 41 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 41Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 42Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 43Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 71 -
[OCP]
See overcurrent protection.
[OVP]
See overvoltage protection.
[TSD]
See thermal shutdown.
[Under voltage lock out]
A function that incorporates several volts of hysteresis into startup characteristics. This function stabilizes
startup characteristics; sometimes referred to as UVLO.
[UVLO]
See Under voltage lock out.
[On-dead timer]
A function that disables the main switching device for a certain period to prevent unintended operation due to
the ringing voltage when turned off
[On-trigger]
With the MR Series, the Z/C pin (Pin 2) detects a falling edge of the control coil signal and uses it as a trigger
signal to turn on the main switching device.
[On-trigger disabled period]
In switching operations, this refers to a period during which the turn-on signal is not accepted to prevent
unintended operations due to ringing voltage when turned off.
[Overvoltage protection]
A function that limits the output voltage to prevent damage to the power supply sometimes referred to as OVP
[Overcurrent protection]
A function that limits the output current to prevent damage to the power supply; sometimes referred to as OCP
[Thermal shutdown]
A function that limits the IC junction temperature to prevent damage to the IC. If the temperature exceeds a
certain level, the IC is latched and stopped; sometimes referred to as TSD; also referred to as overheat
protection.
→ Latch stop
[Soft drive]
A drive system of the main switching device of a switching power supply that reduces noise and enhances
efficiency under a light load. Shindengen has applied for a patent on this technology.
[Negative edge]
A falling edge of a rectangular wave
[Latch stop]
One of IC’s stop modes following activation of a protection function; in this mode, the IC will not restart unless
power is applied again.
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com