Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 16 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 16 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 16 -
4.4 Selecting constants for peripheral components
The table below gives constants for MR4000 peripheral components.
Reference value
Component
MR45XX
Series
MR47XX
Series
MR40XX
Series
C112
This capacitor determines the resonance frequency. Select the
value based on noise, efficiency, and other factors.
1200p
- 3300pF
- 330pF
820pF
- 2200pF
C113
This is the power supply voltage rectification capacitor. If the
value is small, operation at startup easily becomes intermittent. If
this is too large, startup time will lengthen.
47 - 100
μF
C114
This is the partial resonance adjustment capacitor. Adjust this
capacitor with R115 so that turn-on occurs at the resonance
trough.
10p - 330pF
C115
This capacitor is used to reduce noise at Pin 2. It is also
beneficial for gain phase adjustments. If the value is too large,
the frequency response may degrade.
4700pF
100p - 2200pF
R113
This is the current limiting damper resistor for C108. Select the
value after considering noise, efficiency, and other factors.
0 to several ohms
R114
This is the overcurrent detection resistor. It determines the droop
point.
See [4.5 Selecting constants for droop
circuit].
R115
This resistor limits the Z/C pin current.
Approximately 20 kΩ
R116
This resistor limits the Z/C pin current.
Approximately 10 kΩ
R117
Adjust the value according to the droop characteristics. Set to a
value slightly higher than the droop point set with R114.
Tens of k
Ω
R151
This resistor compensates for droop based on the input voltage.
Adjust the value based on droop characteristics.
Not
required
Approximately 50 kΩ
D111
Select a high-speed diode in the 900 V and 1A class.
Not
required
High-speed diode, 900 V
and 1 A class
DZ151
This zener diode compensates for droop based on the input
voltage.
Not
required
See Section 4.5.
R151, D151 and DZ151 are additional components for auto-sensing input specifications.
T101
C104
C103
D101
C105
L101
C101
F101
C106
R101
Vin
D112
R114
PH111
2
1
4
3
7
R151
R115
D141
DZ151
C114
PH141
C115
C113
R117
9
5
IC111
D151
C201
L201
C204
R266
C262
D201
VO
R261
R263
R262
R201
R202
C261
IC261
R265
PH141
Q241
R241
SW241
R248
R247
C112
R113
D111
PH111
R116
Fig. 4.1 MR4000 Series reference power supply circuit
4. Design procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com