Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 6 -
2.1 Block diagram
2.2 Pin function description
Pin number
Abbreviation
Description
1
Z/C
Zero current detection pin
2
F/B
Feedback signal input pin
3
GND
GND pin
4
Vcc
Vcc (IC power supply) pin
MR45XX series
Source/OCL
MR47XX series
Main switching device source and OCL
(current detection) pin
5
Emitter/OCL
MR40XX series
Main switching device emitter and OCL
(current detection) pin
6
―
7
Vin
Vin (startup) pin
8
―
MR45XX series
Drain
MR47XX series
Main switching device drain pin
9
Collector
MR40XX series
Main switching device collector pin
2. Block diagram
MR4000 Series
Application Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com