Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 36 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 36 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 66 -
6.6.4 OVP latch circuit by secondary side detection using auxiliary coil
C201
L201
C202
C205
D201
+12V
GND
D112
4
3
PC1
PS2501
C113
35V
100μF
D1NL20U
D1
D1NL20U
C1
0.047μF
Nc2
Nc1
ZD2
15V,B2
PC1
PS2501
470Ω
Ns1
R1
100Ω
Fig. 6.22 OVP circuit using auxiliary coil
(1)
Circuit configuration
This circuit consists of NC2, an auxiliary coil; PC1, a photocoupler for OVP; R1; C1; D1; and ZD2, a zener diode
for secondary output detection.
(2)
Circuit operation
Set the NC2 coil voltage to 22 V (VCC(OVP) x 1.1) or greater. If the output voltage exceeds the zener voltage, as
the F/B pin is opened, the photocoupler will activate. As a result, the NC2 coil voltage is applied to the VCC pin
(Pin 4) of the MR4000 Series, the VCC voltage exceeds 20 V, and the IC is latched and stopped for OVP.
(3)
Precautions
Take steps to ensure the circuit does not exceed 21 V, the absolute maximum rating for the withstand voltage of
the IC. Proceed carefully while referring to the constants of the components in the diagram above.
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com