| Electronic Components Datasheet Search |
|
MR4530 Datasheet(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
|||||||||||||||||||||||||||||
MR4530 Datasheet(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd |
|
7 / 43 page ![]() Shindengen Electric MFG.CO.,LTD - 7 - 3.1 Startup circuit In a conventional startup circuit employing a startup resistor, an electric current continues to flow after the power supply starts, wasting power and reducing efficiency, especially during standby. See [Conventional startup circuit] in Fig. 3.1 Comparison of startup circuits. In the MR4000 Series startup circuit, the startup current is supplied from the input voltage and shut off when the power supply starts up. The startup circuit supplies the Istartup current from the constant current source in the IC until the voltage at the VCC pin reaches VCC(start) = VCC(startup off). This current is consumed internally in the IC and also used as the charging current for the capacitor connected externally between the VCC pin and GND. This design allows stable startup with minimal dependence on the input voltage. When the voltage at the VCC pin reaches VCC(startup off) = VCC(start), the startup circuit disconnects, and the startup current is halted. As soon as it stops, oscillation begins. The current to be consumed in the IC is then supplied from the control coil. See [MR4000 startup circuit] in Fig. 3.1 Comparison of startup circuits. In the case of an instantaneous power failure or a load short, oscillation stops when the voltage at the VCC pin reaches VCC(stop). When this voltage drops still further to VCC(startup on), the startup circuit begins to operate once again, and the voltage at the VCC pin begins to rise. See Fig. 3.2. Incorporating the functions above improves efficiency, particularly during standby, and eliminates the need for a startup resistor, thereby reducing the overall number of components. [Conventional startup circuit] IC Startup current The startup current flows even during steady-state operation, resulting in losses. VCC pin Vin pin Vcc (startup off)/Vcc (startup on) [MR4000 startup circuit] Control coil 7 4 The startup current switches off after startup, eliminating the need for a startup resistor. Fig. 3.1 Comparison of startup circuits [Vin] VCC (stop) VCC (startup on) VCC (startup off) = VCC (Start) Load short Instantaneous power failure [VCC] [VDS(VCE)] [VOUT] Fig. 3.2 Startup circuit operation sequence 3. Operating principles MR4000 Series Application Note |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |