Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 35 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 35 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 65 -
6.6.2 Oscillation stop circuit in case of low voltage input
This protection circuit prevents input from a 100 V group
power source to a 200 V group power supply. The circuit
monitors input voltages. On detecting an input of 100 V, the
circuit stops the oscillation of the MR4000 series. On
detecting an input of 200 V, the circuit allows regular
oscillation.
(1)
Circuit configuration
The circuit consists of a transistor Q1 that short-circuits
the input voltage detection resistor and the F/B pin (Pin 2),
a transistor Q2 that turns Q1 off, and a zener diode that
corrects for variations in VBE of Q2 and temperature
characteristics.
(2)
Circuit operation
The transistor Q1 short-circuits the F/B pin (Pin 2) of the
MR4000 Series until the input voltage Vin exceeds 138
V (a maximum voltage in the 100 V group), thereby
keeping the MR from oscillating. When Vin reaches 170
V (a minimum voltage in the 200 V group), Q2 is turned
on, turning Q1 off. The MR4000 Series begins
oscillating.
(3)
Problem
Efficiency is reduced during standby. Standby characteristics are decreased due to the current required for the
input voltage detection circuit and the current flowing to Q1 and Q2. If the resistor R1 is set to 56 kΩ or less, the
IC can not start up.
(4)
Precautions
If resistor R1 is set to 56 kΩ or less, the IC may not start up.
Carefully consider the startup characteristics if a resistor or any other component is connected to the VCC pin
(Pin 4) of the MR4000 Series for other purposes.
6.6.3 Remote ON/OFF circuit for MR4000 Series
The oscillation of MR4000 Series devices can be turned on and off with
an external ON/OFF signal.
(1)
Circuit configuration
The circuit consists of a transistor that short-circuits the F/B pin (Pin 2)
and an external ON/OFF signal on the primary side. The external
signal can be input from the secondary side using a photocoupler
instead of the transistor.
(2)
Circuit operation
Upon receipt of the external signal, the transistor is turned on, short-
circuiting the F/B pin (Pin 2) and halting the power supply. When a
low external signal is input, the transistor is turned off, and
oscillation resumes.
(3)
Problem
If the power supply has been turned off by the external signal, the built-in startup circuit will continue charging
and discharging the VCC, resulting in losses.
10kΩ
0.033μ F
C106
D112
IC111
2
4
3
9
C113
2SC945
R1
62kΩ
2SC945
8.2V
39kΩ
360kΩ
360kΩ
NP
NC
Q1
Q2
Fig. 6.20 Oscillation stop circuit in case of low
voltage input
Fig. 6.21 MR4000 Series ON/OFF
circuit
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com