Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 40 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 40 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 41Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 42Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 43Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 70 -
[Hunting]
A situation in which the gain or phase in a feedback control system is not adequate, resulting in abnormal
oscillations
[Feedback]
Signal fed back to the primary control circuit upon detection of the output voltage
Feedback is used for constant voltage control.
[Radiated emissions]
Disturbance field strengths released into the air; also called radiated noise
[Partial resonance]
A soft-switching method or technology used in a circuit that reduces switching losses at startup of the main
switching device in a switching power supply
[Radiated noise]
Disturbance field strengths broadcast into the air; also called radiated emissions
[Ringing voltage]
In this application note, it refers in particular to the oscillation voltage immediately after the main switching
device is turned off.
6.8.2 Transformer design
[Duty ratio]
A ratio of the ON range to the oscillation period; sometimes referred to as D.
[TON-T ratio]
The same as duty ratio
[ON duty ratio]
The same as duty ratio
[Core gap]
A gap in a transformer core
In a flyback power supply, this gap is used to adjust inductance.
[Control coil]
A coil used to supply the source voltage to the internal IC of the MR Series and to output the Z/C signal.
[Magnetic saturation]
State in which the maximum magnetic flux density of a transformer is exceeded
If magnetic saturation occurs, the inductor will not function; a sudden excessive current may flow and damage
the power supply.
[Magnetic flux density]
The magnetic flux per unit area generated at the core by an excitation current
6.8.3 IC functions
【LEB】
See Leading edge blank.
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com