Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 11 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 11 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 11 -
3.7 Circuit for load shorts
The MR4000 Series is designed so that voltage droop occurs under excessive load, causing the output voltage to drop, and
so that the control coil voltage drops proportionally. When the control coil voltage falls below VZ/C(burst), the control switches to
standby mode, and the Source/OCL (Emitter/OCL) pin threshold changes from Vth(OCL) to Vth(burst OCL), thereby limiting the
drain (collector) current to approximately 1/10 of its previous value. This design reduces the stress on the MR4000 Series IC
in the case of a load short and controls the short-circuit current to the secondary diode and the load circuit.
3.8 Collector pin (MR40XX Series)
The collector pin on the main switching device (Pin 7)
The transformer must be designed and the resonating capacitor must be set to ensure that VCE(max) is less than 900 V.
Depending on input conditions, the collector pin may be subject to reverse bias for a certain period during partial resonance.
This IC uses the second-generation high-speed IGBT as the main switching device. Unlike MOSFETs, this device has
no body diode structure and thus requires the connection of an external high-speed diode between the Collector and
Emitter/OCL pins (see Fig. 3.12).
3.9 Thermal shutdown circuit (TSD)
The MR4000 Series incorporates a thermal shutdown circuit. The onboard IC is latched at 150°C (typical), after which
oscillation is halted. Unlatching is achieved by momentarily dropping the voltage at the VCC pin to VUL (unlatch
voltage) or lower.
3.10 Overvoltage protection circuit (OVP)
The MR4000 Series incorporates an overvoltage protection circuit (OVP). Latching occurs when the control coil
voltage exceeds VOVP, providing indirect overvoltage protection for the secondary output. Unlatching is achieved in the
same manner as for the overheat protection circuit.
3.11 Leading edge blank (LEB)
The MR4000 Series has the leading edge blank function. This function improves the margin of noise by rejecting
trigger signals from the drain current detection circuit for a certain time after the main switching device is turned on.
This function prevents false detections due to the gate drive current produced the moment the main switching device is
turned on or due to the discharge current of a resonating capacitor.
Fig. 3.10 Circuit for load shorts
3. Operating principles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com