Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 14 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 14 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 14 -
4.3 Reference formulas for main transformer design
1
Minimum DC input
voltage
AC(min)
DC(min)
V
1.2
V
[V]
2
Maximum DC input
voltage
AC(max)
DC(max)
V
2
V
[V]
3
Oscillation cycle
(min)
(max)
f
1
T
[s]
4
Maximum ON Period
(min)
on(max)1
f
D
t
[s]
5
Maximum OFF period
q
F1
O1
P
on(max)1
DC(min)
S1
off(max)
t
)
V
(V
N
t
V
N
t
[s]
6
Resonance period
2
C
L
2π
t
q
P
q
(
2
1
共振周期
)
[s]
7
Maximum load power
O(max)
O
O(max)
I
V
P
[W]
8
Maximum output power
(reference value)
O(max)
L
P
1.3
P
[W]
9
Peak drain (collector)
current
D
V
η
P
2
)
(I
I
DC(min)
L
CP
DP
[A]
10
Primary coil inductance
)
(I
I
t
V
L
CP
DP
on(max)1
DC(min)
P
[H]
11
Number of turns in
primary coil
e
9
on(max)1
DC(min)
P
A
ΔB
10
t
V
N
[Turn]
12
Core gap
P
2
P
e
10
g
L
N
A
10
4π
l
[mm]
The gap Ig is the center gap value.
Review the transformer core size and oscillation frequency and redesign if Ig is 1 mm or greater.
4. Design procedure
Resonance
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com