Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 38 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 38 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 41Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 42Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 68 -
Problem
Possible cause
Solution
Place the secondary F/B pin in front of L.
Adjust the circuit around the shunt regulator.
8
Abnormal oscillation
during steady-state
operation
This results in hunting.
The phase has shifted.
Adjust the circuit around the photocoupler.
Adjust the OCL resistance.
9
The droop operation is
ineffective.
The droop circuit is inadequate.
Adjust the resistance between the F/B pin and GND
pin.
The ON duty ratio is large.
Redesign ON duty ratio.
The transformer coupling is poor.
Review the transformer coil structure.
The ratio of numbers of turns in coils is
inappropriate.
Review the transformer design.
Adjust the resonating capacitor.
Provide a snubber circuit.
Add a power clamper.
10
VDS or VCE exceeds the
withstand level.
The surge is large.
Connect a resistor in series with the resonating
capacitor.
The current to the photodiode is too low.
Adjust the current-limiting resistance of the
photodiode.
Increase the capacity of the capacitor between the
Z/C pin and GND pin.
11
The IC cannot enter
standby mode.
Noise is superimposed on the Z/C pin.
Improve the PCB pattern.
Adjust the number of turns in the NC coil.
Review the transformer coil structure.
Combine a zener diode and a resistor to clamp VCC.
12
The oscillation halts
when the output load is
increased.
The overvoltage latch is on.
Add a damper resistor for VCC.
Reinforce impregnation (e.g., double impregnation,
use of adhesive)
13
The transformer
generates an oscillating
tone in standby mode.
Transformer vibrations
Optimize the load.
Noise is superimposed on the Z/C pin.
Increase the capacity of the capacitor between the
Z/C pin and GND pin.
Increase the current rating of the diode.
The VF of the secondary diode is large.
Use a Schottky diode.
14
The input power is large
in the case of a load
short.
The transformer coupling is poor.
Review the transformer coil structure.
15 The droop point varies.
The resistor between the F/B pin and
GND pin is operating.
Make sure the voltage droops only with the OCL pin
resistance.
The tan
δ of the resonating capacitor is
large.
Use a capacitor with a smaller tan
δ.
16
The standby power is
large.
The capacity of the resonating capacitor
is large.
Adjust the resonating capacitor (carefully monitor
VDS or VCE to ensure that the withstand level is not
exceeded.)
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com