Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 8 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 8 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 8 -
3.2 On-trigger circuit
The MR4000 Series employs a current-critical
operation system. When an energy burst to the
secondary side of the main transformer is detected,
the main switching device is turned on.
Energy discharge timing is detected at a negative
edge of the control coil voltage waveform. The main
switching device is turned on upon detection of the
discharge to perform current-critical operations.
See the point with approx. 0.3 V in Fig. 3.3 On-trigger
operation sequence.
The on-trigger detection voltage (approx. 0.3 V)
features 50 mV hysteresis for improved noise
resistance.
3.3 Partial resonance
In a current-critical switching power supply (RCC),
when the secondary current in the circuit with a
resonating capacitor connected between the drain
(collector) and GND of the main switching device as
shown on the right reaches 0 A, damping begins at
the resonance frequency determined by the primary
inductance LP of the main transformer and the
resonating capacitor Cq.
The discharge current of the resonating capacitor Cq
flows through the primary coil and returns energy to
the input. Adjusting the CR time constant applied to
the Z/C pin (see the diagram on the right) allows the
main switching device to be turned on at the trough of
the damping voltage waveform, reducing turn-on
losses.
In a partial resonance circuit, the energy stored in the
resonating capacitor Cq during the OFF period of the
main switching device is returned to the input,
reducing turn-on losses. This allows the connection of
a high-capacity capacitor between the drain
(collector) and GND of the main switching device,
thereby reducing noise.
The use of partial resonance improves efficiency and
reduces noise with simple circuit configurations.
[VZ/C]
Approx.
0.3 V
[ID(IC)]
[Secondary rectification diode current]
[VDS(VCE)]
[Control coil voltage]
Fig. 3.3 On-trigger operation sequence
[ID (IC)]
[Secondary rectification diode current]
Turn-on delay
Damping begins at the
resonance frequency
determined by LP and Cq.
[VDS (VCE)]
9
1
3
Z/C pin
Drain (collector) pin
GND pin
C
R
Resonating
capacitor
On-timing is delayed with
CR time constant.
5
Source/OCL
(emitter/OCL)
pin
Cq
LP
Fig. 3.4 Partial resonance
3. Operating principles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com