Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 22 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 22 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 52 -
6.1.2 Ringing voltage at turn-off of main switching device
A significant voltage surge component is generated in the main switch if the transformer leakage inductance is too
large or if a relatively high current is output. The most effective way to reduce the voltage surge component is to
reduce the leakage inductance. The voltage surge component can be also reduced by a clamp circuit. Reducing
the voltage surge component protects the main switch. In the case of a multi-output power supply, it also improves
cross regulation in the outputs.
(1) Transformer leakage inductance
When the main switching device is turned off, a ringing
voltage is added to the voltage, as shown in Fig. 6.4, due to
the leakage inductance of the transformer primary coil.
The voltage applied to the main switching device must be
designed to accommodate the ringing voltage. The leakage
inductance of the primary coil is measured as shown in Fig.
6.4.
(2) Clamp circuit
A clamp circuit may be required if the withstand voltage limit of the main switching device is exceeded due to load or
other conditions or if the design margin is insufficient due to a ringing voltage caused by the leakage inductance.
We recommend a DCR snubber circuit as a clamp circuit. See the next
page for DCR snubber circuit design procedures.
Fig. 6.4 Leakage inductance
MR4000
3
5
9
Fig. 6.5 DCR snubber circuit
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com