Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 21 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 21 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 51 -
6.1 Supplementary notes on design
6.1.1 VCC control
Since the IC control current is very low, VCC can be significantly affected by the ringing voltage caused by
transformer leakage inductance. This will increase the VCC voltage of the MR4000 Series beyond the design value.
Under certain load conditions, the IC may be latched and stopped or the VCC may become too low. The ringing
voltage caused by the transformer leakage inductance is reduced with a DCR snubber circuit. Several other
solutions are also available, as shown below.
(1) Increasing the damper resistance
Increasing this resistance reduces voltage variations. Increasing the
resistance will affect VCC. Make sure the design accounts for possible
stoppage of MR4000 Series products due to a fall in VCC. Set the
resistance on an actual board between several ohms and tens of ohms.
Note that a light load may decrease efficiency under certain
circumstances.
(2) NC coil winding method
Bring the NC coil into closer contact with a
secondary coil that has limited contact with
the primary coil. Doing so will reduce the
ringing generated in the NC coil. This is our
recommended winding method.
(3) Adding a dummy resistor
If using a dummy resistor increases power consumption and
decreases efficiency, this circuit will improve these performance
somewhat.
If the VCC voltage exceeds the level determined by the zener diode,
the dummy resistor will control the voltage increase. We recommend
a zener diode for 16 V or higher.
MR4000
3
4
Increase this
resistance.
Fig. 6.1 Damper resistance
Fig. 6.2 Transformer winding to improve contact
Fig. 6.3 Adding a dummy resistor
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com