Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  MR4530 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 4 -
1.1 Introduction
The MR4000 Series IC modules incorporate a burst-mode switching function at micro-loads. These are partial
resonance modules consisting of a switching device optimized for 100 V, 200 V, and auto-sensing power supply input
and a control IC. The IC modules are designed to provide the following power supply characteristics:
1.2 Characteristics
1.
High efficiency and low noise through partial resonance
2.
Second-generation high-speed IGBT with 900-V resistance simplifies design for auto-sensing power supply
input. (MR40XX series)
3.
Burst mode helps reduce power consumption at micro-loads.
4.
Onboard startup circuit eliminates the need for startup resistors.
5.
Soft-drive circuit achieves low noise levels.
6.
Overcurrent protection function (ton limit and primary current limit), overvoltage protection, and thermal
shutdown function
7.
Allow configuration of a power supply circuit with fewer external components.
8.
Full-mold package facilitates insulation design.
1.3 Applications
Televisions, displays, printers, video recorders, DVD, STB, refrigerators, and other appliances; various automated
business machines
1.4 Absolute maximum ratings and reference output capacities
Main switching device
Maximum output capacity
Po[W]
Input voltage range
型 名
VDS/VCE
[V]
AC90 - 132V
AC180 - 276V
AC90 - 276V
MR4500
12 (20)
―
―
MR4510
25 (40)
―
―
MR4520
50 (80)
―
―
MR4530
500
80 (100)
―
―
MR4710
―
25 (40)
12 (20)
MR4720
MOSFET
700
―
50 (80)
25 (40)
MR4010
―
65
45
MR4020
―
105
70
MR4030
―
135
90
MR4040
Second–
generation
high-speed
IGBT
900
―
180
120
Maximum output capacity and input voltage range vary with design parameters.
Output capacities in parentheses are peak values.
1. Overview
MR4000 Series
Application Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com