Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 10 -
3.5 Output voltage control (normal operation)
The MR4000 Series controls output voltage with an
ON range proportional to voltage at the F/B pin.
Controlled linearly, the ON range is ton(min) when the
voltage at the F/B pin is 1.5 V and becomes ton(max)
when the voltage is 4.5 V. A current of IF/B flows at
the F/B pin. The impedance of the photocoupler
transistor connected externally between the F/B pin
and GND varies depending on the control signal from
the secondary output detection circuits, which
controls the ON range of the main switching device to
produce a constant voltage.
The maximum ON range is limited by setting the
maximum value for the voltage at the F/B pin using a
resistor connected externally between the F/B pin
and GND. Thus, the droop point is determined.
3.6 Soft drive circuit (patent pending)
The MR4000 Series supplies the main switching
device gate drive voltage from two separate drive
circuits.
A voltage exceeding the threshold for the main
switching device is supplied from the first drive circuit
at the leading edge of the drive voltage waveform to
turn the main switching device on at the optimal
timing.
The drive voltage is then gradually supplied from the
second drive circuit (see Fig. 3.9).
The gradual supply of the drive voltage reduces drive
losses and reduces noise due to the gate charge
current and the current discharged when the
resonating capacitor switches on.
F/B pin
2
The output voltage is controlled
by varying the impedance of the
photocoupler.
IF/B
5Vref
Droop
resistor
Output voltage
error detection
feedback
signal
ton
(max)
1.5
4.5
Feedback voltage
VF/B [V]
ton
(min)
Fig. 3.8 Output voltage control
Fig. 3.9 Comparison of drive circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com