Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 12 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 12 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 12 -
3.12 Malfunction prevention circuit (patent pending)
The current-critical operation of the MR4000
Series ensures that the main transformer does not
become saturated as long as the droop setting is
optimized.
At startup and in the event of a load short, the
output voltage is significantly lower than the set
voltage. Since the control coil voltage is
proportional to the output voltage, it also drops
significantly, and the on-trigger timing may be
incorrectly detected due to the ringing voltage
generated while the main switching device is OFF.
The device may then be turned on before the
current-critical point.
To counter this problem, the MR4000 Series
incorporates a circuit to prevent on-trigger error at
startup or in the event of a load short. This
function disables the on-trigger for a period, tondead,
after the main switching device in the IC is turned
off (On-dead time). This prevents false detection
due to the ringing voltage while the device is OFF.
This design permits detection of the transformer
secondary current of 0 A to turn on the main
switching device even at startup or in the event of
a load short. This prevents the magnetic
saturation of the transformer.
3.13 Overcurrent protection circuit
A current detection resistor is connected between
the Source/OCL (Emitter/OCL) pin and GND to
detect currents between the source (emitter) of
the main switching device and the source
(emitter) current detection pin.
During stable operation, the main switching
device current is limited by pulse-by-pulse
operation with the Vth(OCL) threshold.
During standby, the threshold changes to Vth(burst
OCL), and the oscillation noise from the transformer
due to burst oscillation is reduced.
[Secondary rectification diode]
[VDS(VCE)]
[VOUT]
[VZ/C]
Enlarged
view
[IC(ID)]
[VZ/C]
On-trigger is disabled during this period.
tondead
[Secondary rectification diode]
Approx.
0.3 V
[ID(IC)]
Fig. 3.11 Malfunction prevention circuit
Fig. 3.12 Current detection resistor
3. Operating principles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com