Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 15 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 15 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 15 -
13
Number of turns in
control output coil
[Turn]
14
Number of turns in non-
control output coil
F1
O1
F2
O2
S1
S2
V
V
V
V
N
N
[Turn]
15
Number of turns in
control coil
F1
O1
FNC
NC
S1
C
V
V
V
V
N
N
[Turn]
Consider the secondary diode forward voltage VF for each output when determining the number of
turns in an output coil.
VFNC is the control coil voltage rectification diode forward voltage.
The reference value for determining the control coil voltage VNC(min) is 15 V to 17 V.
If the VNC(min) is too small, startup characteristics may degrade, making startup difficult.
If the VNC(min) is too large, the overvoltage latch stop voltage VOP may be reached relatively easily.
Check the VNC(min) voltage within an actual circuit at the design stage to determine the optimal value.
16
Primary coil size
(min)
on(max)1
DC(min)
O
NP
f
t
V
η
3
α
P
D
2
A
[mm
2]
17
Secondary coil size
(min)
q
off(max)
O
(min)
q
NS
f
)
t
(t
3
α
I
)
f
(t
D
1
2
A
[mm
2]
ANC = 0.2 mm dia. is recommended for the NC coil to simplify calculations.
4. Design procedure
on(max)1
DC(min)
q
on(max)1
(min)
P
F1
O1
S1
t
V
)
t
-
t
-
f
1
(
N
)
V
(V
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com