Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 37 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 37 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 41Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 67 -
6.7 Troubleshooting list
The table below shows common problems with power supply designs using the MR4000 Series, possible causes, and
solutions.
Problem
Possible cause
Solution
The polarity of the transformer is
incorrect.
Check winding directions for NP, NS, and NC.
Adjust the droop compensation circuit.
The droop compensation circuit is
inadequate.
The ON range setting (resistance between the F/B pin and
GND pin) is small.
A constant current load or constant
power load is used.
Change to a constant resistance load.
Adjust the number of turns in the NC coil.
Review the transformer coil structure.
Combine a zener diode and a resistor to clamp VCC.
The overvoltage latch is on.
Insert a resistor between the NC coil and rectification
diode.
The input to the Z/C pin is incorrect.
Review the circuit around the Z/C pin.
The IC is activated under a heavy
load.
Startup under a light load is recommended for the MR4000
Series.
Ton(max) has reached the limit value.
Review the transformer design.
1 Does not start up.
There are too few turns in the NC coil. Adjust the number of turns in the NC coil.
Review the core
ΔB.
The transformer is causing magnetic
saturation.
Adjust the resistance between the F/B pin and GND pin.
Adjust the droop compensation circuit.
The droop compensation circuit is
inadequate.
Adjust the resistance between the F/B pin and GND pin.
Provide a snubber circuit.
Review the transformer design.
2
MR4000 Series is
defective.
The voltage exceeded the withstand
level of the main switching device.
Review the transformer coil structure.
3
A control output
voltage rises.
Adjust the current limiting resistance
of the photodiode.
Adjust the current limiting resistance of the photodiode.
Add a dummy resistor or damper resistor at the output
end.
4
A non-control
output voltage
rises.
Peak charging to the output capacitor
due to a surge voltage
Review the transformer design.
The constants for the output voltage
detection circuit are inappropriate.
Reexamine the output voltage detection resistance.
Adjust the resistance between the F/B pin and GND pin.
The droop compensation circuit is
inadequate.
Adjust the OCL resistance.
Increase the oscillation frequency.
5
The output voltage
or current does not
reach the desired
level.
Ton(max) has reached the limit value.
Set the ON duty ratio lower.
The heat sink is too small or missing. Provide a heat sink or replace with a larger one.
Reduce the oscillation frequency.
The switching loss is large.
Use a smaller resonating capacitor.
The tightening torque is insufficient.
Tighten at the torque recommended by Shindengen.
Apply silicone grease.
Contact with the heat sink is poor.
Insert a radiation sheet.
Timing for partial resonance is
incorrect.
Adjust the delay setting for partial resonance.
6
MR4000 Series
generate
excessive heat.
The partial resonance trough is high.
Increase the ON duty ratio.
The oscillation frequency is high.
Reduce the oscillation frequency.
The phase compensation circuit is
inadequate.
Adjust the circuit around the shunt regulator.
Increase the current limiting resistance on the diode side of
the photocoupler.
7
Intermittent
oscillation occurs
under a light load.
The feedback gain is high.
Connect a resistor in series with the transistor side of the
photocoupler.
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com