Electronic Components Datasheet Search
  English  ▼

X  

MR4530 Datasheet(PDF) 25 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4530
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4530 Datasheet(HTML) 25 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4530 Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MR4530 Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 55 -
6.1.4 Constants of components around Z/C pin in the circuit
At the design stage, keep in mind the following aspects of the
constants for the components around the Z/C pin (Pin 1) in the
circuit.
MR4000
D112
PH141
C114
R115
1
4
3
Fig. 6.7 Circuit around Z/C pin
(1) Partial resonance capacitor C114
The capacity of C114 capacitor should be around 100 pF. Since the Z/C pin (Pin 1) is susceptible to noise, the
capacity should not be lower.
(2) Partial resonance resistor R115
Keep in mind the following when determining the value for R115:
1)
5mA
R
V
115
CC
and
5mA
N
R
N
V
P
115
C
in
The absolute maximum rating for the Z/C pin (Pin 1) is ±5 mA.
Current flowing to the pin cannot exceed this level. (Vin represents
the input capacitor voltage when the maximum input voltage is
applied.)
2)
Determine R115 so that the main switching device is turned on at
the trough of its partial resonance.
(3) Z/C pin current limiting resistor R116
If requirements 1) and 2) of Section (2) above cannot be met
simultaneously, add R116 as shown in Fig. 6.9. R116 should be
around 10 kΩ.
R115 is used to set the partial resonance trough of the main switching
device. Set in the same way as described in Section (2) above.
Large
Small
R115
Trough
Fig. 6.8 Adjusting the resonance trough
MR4000
D112
PH141
C114
R115
1
4
3
R116
Fig. 6.9 Addition of R116
6. Supplementary design information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com