| Electronic Components Datasheet Search |
|
MR4530 Datasheet(PDF) 19 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
|||||||||||||||||||||||||||||
MR4530 Datasheet(HTML) 19 Page - Shindengen Electric Mfg.Co.Ltd |
|
19 / 43 page ![]() Shindengen Electric MFG.CO.,LTD - 49 - This chapter provides supplementary information for MR4000 Series power supply circuits. Use this information when designing or evaluating MR4000 Series power supply circuits. Supplementary design information: Contents 6. Supplementary design information 51 6.1.1 VCC control 51 (1) Increasing the damper resistance (2) NC coil winding method (3) Adding a dummy resistor 51 6.1.2 Ringing voltage at turn-off of main switching device 52 (1) Transformer leakage inductance (2) Clamp circuit 52 6.1.3 Resonating capacitor 54 Selecting the resonating capacitor (2) Capacity of resonating capacitor 54 6.1.4 Constants of components around Z/C pin in the circuit 55 (1) Partial resonance capacitor C114 (2) Partial resonance resistor R115 (3) Z/C pin current limiting resistor R116 55 6.1.5 Enhancing the peak surge current of VCC pin 56 6.1.6 Phase correction 57 (1) Insert C and R between the cathode and REF of the shunt regulator. (2) Insert C and R between the front of the secondary LC filter and REF of the shunt regulator. (3) Insert C and R between the rear of the secondary LC filter and REF of the shunt regulator. (4) Place the power supply side of the photocoupler in front of the LC filter. 57 6.2 Noise reduction 58 6.2.1 Redesigning the transformer 58 6.2.2 Changing Y capacitor 58 6.2.3 Using a snubber circuit 58 6.2.4 Connecting a capacitor to a secondary diode in parallel 59 6.2.5 Capacitive coupling 59 6.2.6 Other measures 59 6.3 Supplemental information on surface mounting 60 6.3.1 Greasing 60 6.3.2 Screws 60 6.3.3 Radiation fin 60 6. Supplementary design information MR4000 Series Application Note |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |