Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 39 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6674 Datasheet HTML 35Page - Analog Devices AD6674 Datasheet HTML 36Page - Analog Devices AD6674 Datasheet HTML 37Page - Analog Devices AD6674 Datasheet HTML 38Page - Analog Devices AD6674 Datasheet HTML 39Page - Analog Devices AD6674 Datasheet HTML 40Page - Analog Devices AD6674 Datasheet HTML 41Page - Analog Devices AD6674 Datasheet HTML 42Page - Analog Devices AD6674 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 38 of 96
SIGNAL MONITOR
The signal monitor block provides additional information about
the signal being digitized by the ADC. The signal monitor
computes the peak magnitude of the digitized signal. This
information can be used to drive an AGC loop to optimize the
range of the ADC in the presence of real-world signals.
The results of the signal monitor block can be obtained either
by reading back the internal values from the SPI port or by
embedding the signal monitoring information into the
JESD204B interface as special control bits. A global, 24-bit
programmable period controls the duration of the measure-
ment. Figure 98 shows the simplified block diagram of the
signal monitor block.
FROM
MEMORY
MAP
DOWN
COUNTER
IS
COUNT = 1?
MAGNITUDE
STORAGE
REGISTER
FROM
INPUT
SIGNAL
MONITOR
HOLDING
REGISTER
LOAD
CLEAR
COMPARE
A > B
LOAD
LOAD
TO SPORT OVER
JESD204B AND
MEMORY MAP
SIGNAL MONITOR
PERIOD REGISTER
(SMPR)
0x271, 0x272, 0x273
Figure 98. Signal Monitor Block
The peak detector captures the largest signal within the
observation period. This period observes only the magnitude of
the signal. The resolution of the peak detector is a 13-bit value,
and the observation period is 24 bits and represents converter
output samples. The peak magnitude is derived by using the
following equation:
Peak Magnitude (dBFS) = 20 log(Peak Detector Value/213)
The magnitude of the input port signal is monitored over a
programmable time period that is determined by the signal
monitor period registers (SMPRs). Only even values of the
SMPR are supported. The peak detector function is enabled by
setting Bit 1 of Register 0x270 in the signal monitor control
register. The 24-bit SMPR must be programmed before
activating this mode.
After enabling this mode, the value in the SMPR is loaded into a
monitor period timer that decrements at the decimated clock
rate. The magnitude of the input signal is compared with the
value in the internal magnitude storage register (not accessible
to the user), and the greater of the two is updated as the current
peak level. The initial value of the magnitude storage register is
set to the current ADC input signal magnitude. This comparison
continues until the monitor period timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the 13-bit
peak level value is transferred to the signal monitor holding
register, which can be read through the memory map or output
through the serial port (SPORT) over the JESD204B interface.
The monitor period timer is reloaded with the value in the
SMPR, and the countdown is restarted. In addition, the
magnitude of the first input sample is updated in the internal
magnitude storage register, and the comparison and update
procedure, as explained previously, continues.
SPORT OVER JESD204B
The signal monitor data can also be serialized and sent over the
JESD204B interface as control bits. These control bits must be
deserialized from the samples to reconstruct the statistical data.
This signal control monitor function is enabled by setting
Bits[1:0] of Register 0x279 and Bit 1 of Register 0x27A.
Figure 99 shows two different example configurations for the
signal monitor control bit locations inside the JESD204B
samples. There are a maximum of three control bits that can be
inserted into the JESD204B samples; however, only one control
bit is required for the signal monitor. Control bits are inserted
from MSB to LSB. If only one control bit is to be inserted (CS = 1),
only the most significant control bit is used (see Configuration 1
and Configuration 2 in Figure 99). To select the SPORT over
JESD204B option, program Register 0x559, Register 0x55A, and
Register 0x58F. See the Memory Map Register Table section for
more information on setting these bits.
Figure 100 shows the 25-bit frame data that encapsulates the
peak detector value. The frame data is transmitted MSB first
with five 5-bit subframes. Each subframe contains a start bit
that can be used by a receiver to validate the deserialized data.
Figure 101 shows the SPORT over the JESD204B signal monitor
frame data with a monitor period timer set to 80 samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com