Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 30 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6674 Datasheet HTML 26Page - Analog Devices AD6674 Datasheet HTML 27Page - Analog Devices AD6674 Datasheet HTML 28Page - Analog Devices AD6674 Datasheet HTML 29Page - Analog Devices AD6674 Datasheet HTML 30Page - Analog Devices AD6674 Datasheet HTML 31Page - Analog Devices AD6674 Datasheet HTML 32Page - Analog Devices AD6674 Datasheet HTML 33Page - Analog Devices AD6674 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 29 of 96
Table 9. Differential Transformer Coupled Input Configuration Component Values
Device
Frequency Range
Transformer
R1 (Ω)
R2 (Ω)
R3 (Ω)
C1 (pF)
C2 (pF)
AD6674-500
DC to 250 MHz
ETC1-1-13
10
50
10
4
2
250 MHz to 2 GHz
BAL0006/BAL0006SMG
10
50
10
4
2
AD6674-750
DC to 375 MHz
ETC1-1-13
10
50
10
4
2
375 MHz to 2 GHz
BAL0006/BAL0006SMG
10
50
10
4
2
AD6674-1000
DC to 500 MHz
ECT1-1-13/BAL0006SMG
25
25
10
4
2
500 MHz to 2 GHz
BAL0006/BAL0006SMG
25
25
0
Open
Open
Input Common Mode
The analog inputs of the AD6674 are internally biased to the
common mode, as shown in Figure 75. The common-mode
buffer has limited range in that the performance suffers greatly
if the common-mode voltage drops by more than 100 mV.
Therefore, in dc-coupled applications, set the common-mode
voltage to 2.05 V ± 100 mV to ensure proper ADC operation.
Analog Input Controls and SFDR Optimization
The AD6674 offers flexible controls for the analog inputs such
as input termination, input capacitance, buffer current, and
input full-scale adjustment. All of the available controls are
shown in Figure 75.
10pF
VIN+x
VIN–x
AVDD3
AVDD3
AVDD3
VCM
BUFFER
400Ω
AVDD3
AVDD3
1.5pF
3pF
1.5pF
3pF
AIN CONTROL
SPI REGISTERS
(0x008, 0x015,
0x016, 0x018,
0x019, 0x01A,
0x11A, 0x934,
0x935)
Figure 75. Analog Input Controls
Use Register 0x018, Register 0x019, Register 0x01A, Register 0x11A,
Register 0x934, and Register 0x935 to adjust the buffer behavior on
each channel to optimize the SFDR over various input frequencies
and bandwidths of interest.
Input Buffer Control Registers (Register 0x018,
Register 0x019, Register 0x01A, Register 0x934,
Register 0x935, Register 0x11A)
The input buffer has many registers that set the bias currents
and other settings for operation at different frequencies. These
bias currents and settings can be changed to suit the input
frequency range of operation. Register 0x018 controls the buffer
bias current to reduce the effects of charge kickback from the
ADC core. This setting can be scaled from a low setting of 1.0× to
a high setting of 8.5×. The default setting in Register 0x018 is
3.0× for the AD6674-750 and AD6674-1000, whereas the
default for the AD6674-500 is 2.0×. These settings are sufficient
for operation in the first Nyquist zone. As the input buffer
currents are set, the amount of current required by the AVDD3
supply changes. This relationship is shown in Figure 76. For a
complete list of buffer current settings, see Table 45 for more
details.
50
100
150
200
250
300
150
250
350
450
550
650
750
850
BUFFER CURRENT SETTING
AD6674-1000
AND
AD6674-750
AD6674-500
Figure 76. IAVDD3 vs. Buffer Current Setting in Register 0x018
Register 0x019, Register 0x01A, Register 0x11A, and Register 0x935
offer secondary bias controls for the input buffer for frequencies
>500 MHz. Register 0x934 can be used to reduce input capacitance
to achieve wider signal bandwidth but doing so may result in
slightly lower linearity and noise performance. These register
settings do not affect the AVDD3 power as much as Register 0x018
does. For frequencies <500 MHz, it is recommended to use the
default settings for these registers. Table 10 shows the recom-
mended values for the buffer current control registers for
various speed grades.
Use Register 0x11A when sampling in higher Nyquist zones
(>500 MHz for the AD6674-1000). This setting enables the
ADC sampling network to optimize the sampling and settling
times internal to the ADC for high frequency operation. For
frequencies greater than 500 MHz, it is recommended to
operate the ADC core at a 1.46 V full-scale setting irrespective
of the speed grade. This setting offers better SFDR without any
significant decrease in SNR.
Figure 77, Figure 78, and Figure 79 show the SFDR vs. analog input
frequency for various buffer settings (IBUFF) for the AD6674-1000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com