Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 59 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD6674 Datasheet HTML 55Page - Analog Devices AD6674 Datasheet HTML 56Page - Analog Devices AD6674 Datasheet HTML 57Page - Analog Devices AD6674 Datasheet HTML 58Page - Analog Devices AD6674 Datasheet HTML 59Page - Analog Devices AD6674 Datasheet HTML 60Page - Analog Devices AD6674 Datasheet HTML 61Page - Analog Devices AD6674 Datasheet HTML 62Page - Analog Devices AD6674 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 58 of 96
Two different bandwidth modes are provided; select the mode
from the SPI port. In each of the two modes, the center frequency
of the band can be tuned such that IFs can be placed anywhere
in the Nyquist band. The NSR feature is enabled by default on
the AD6674. The bandwidth and mode of the NSR operation
are selected by setting the appropriate bits in Register 0x420 and
Register 0x422. By selecting the appropriate profile and mode
bits in these two registers, the NSR feature can be enabled for
the desired mode of operation.
21% BW Mode (>75 MHz at 375 MSPS)
The first NSR mode offers excellent noise performance across a
bandwidth that is 21% of the ADC output sample rate (42% of
the Nyquist band) and can be centered by setting the NSR mode
bits in the NSR mode register (Address 0x420) to 000. In this
mode, set the useful frequency range using the 6-bit tuning
word in the NSR tuning register (Address 0x422). There are 59
possible tuning words (TW), from 0 to 58; each step is 0.5% of
the ADC sample rate.
f0 = fADC × 0.005 × TW
where:
f0 is the left band edge.
fADC is the ADC sample rate.
TW is the tuning word.
fCENTER = f0 + 0.105 × fADC
where fCENTER is the channel center.
f1 = f0 + 0.21 × fADC
where f1 is the right band edge.
Figure 113 to Figure 115 show the typical spectrum that can be
expected from the AD6674 in the 21% BW mode for three
different tuning words.
–140
0
–20
–40
–60
–80
–100
–120
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 74.0dBFS
ENOB = 11.8 BITS
SFDR = 92dBFS
BUFFER ONTROL 1 = 1.5×
0
175
150
125
100
75
50
25
Figure 113. AD6674-750, fCLOCK = 750 MHz, fS = 375 MSPS, fIN = 10.3 MHz,
21% BW Mode, Tuning Word = 0
–140
0
–20
–40
–60
–80
–100
–120
0
175
150
125
100
75
50
25
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 74.0dBFS
ENOB = 11.8 BITS
SFDR = 95dBFS
BUFFER ONTROL 1 = 1.5×
Figure 114. AD6674-750, fCLOCK = 750 MHz, fS = 375 MSPS, fIN = 90.3 MHz,
21% BW Mode, Tuning Word = 26 (fS/4 Tuning)
–140
0
–20
–40
–60
–80
–100
–120
0
175
150
125
100
75
50
25
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 73.9dBFS
ENOB = 11.9 BITS
SFDR = 93dBFS
BUFFER CONTROL 1 = 1.5×
Figure 115. AD6674-750, fCLOCK = 750 MHz, fS = 375 MSPS, fIN = 140.3 MHz,
21% BW Mode, Tuning Word = 58
28% BW Mode (>100 MHz at 375 MSPS)
The second NSR mode offers excellent noise performance
across a bandwidth that is 28% of the ADC output sample rate
(56% of the Nyquist band) and can be centered by setting the
NSR mode bits in the NSR mode register (Address 0x420) to
001. In this mode, the useful frequency range can be set using
the 6-bit tuning word in the NSR tuning register (Address 0x422).
There are 44 possible tuning words (TW, from 0 to 43); each
step is 0.5% of the ADC sample rate.
f0 = fADC × 0.005 × TW
where:
f0 is the left band edge.
fADC is the ADC sample rate.
TW is the tuning word.
fCENTER = f0 + 0.14 × fADC
where fCENTER is the channel center.
f1 = f0 + 0.28 × fADC
where f1 is the right band edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com