Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 82 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD6674 Datasheet HTML 78Page - Analog Devices AD6674 Datasheet HTML 79Page - Analog Devices AD6674 Datasheet HTML 80Page - Analog Devices AD6674 Datasheet HTML 81Page - Analog Devices AD6674 Datasheet HTML 82Page - Analog Devices AD6674 Datasheet HTML 83Page - Analog Devices AD6674 Datasheet HTML 84Page - Analog Devices AD6674 Datasheet HTML 85Page - Analog Devices AD6674 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 81 of 96
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 45 are not currently supported for this device.
Table 45. Memory Map Registers
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
Analog Devices SPI Registers
0x000
INTERFACE_
CONFIG_A
Soft reset
(self
clearing):
clears
memory
map
registers
LSB first
0 = MSB
1 = LSB
Address
ascension
0
0
Address
ascension
LSB first
0 = MSB
1 = LSB
Soft reset
(self
clearing):
clears
memory
map
registers
0x00
0x001
INTERFACE_
CONFIG_B
Single
instruc-
tion
0
0
0
0
0
Datapath
soft
reset
(self
clearing):
does not
clear
memory
map
registers
0
0x00
0x002
DEVICE_
CONFIG
(local)
0
0
0
0
0
0
00 = normal operation
10 = standby
11 = power-down
0x00
0x003
CHIP_TYPE
011 = high speed ADC
0x03
Read
only
0x004
CHIP_ID
(low byte)
1
1
0
0
1
1
1
1
0xCF
0
0x005
CHIP_ID
(high byte)
0
0
0
0
0
0
0
0
0x00
0
0x006
CHIP_
GRADE
Chip speed grade
1010 = 1000 MSPS
0111 = 750 MSPS
0101 = 500 MSPS
0
X
X
X
X
Read
only
0x008
Device
index
0
0
0
0
0
0
Channel
B
Channel A
0x03
0x00A
Scratch pad
0
0
0
0
0
0
0
0
0x00
0x00B
SPI revision
0
0
0
0
0
0
0
1
0x01
0x00C
Vendor ID
(low byte)
0
1
0
1
0
1
1
0
0x56
Read
only
0x00D
Vendor ID
(high byte)
0
0
0
0
0
1
0
0
0x04
Read
only
Analog Input Buffer Control Registers
0x015
Analog
Input (local)
0
0
0
0
0
0
0
Input
disable
0 = normal
operation
1 = input
disabled
0x00
0x016
Input
termination
(local)
Analog input differential termination
0000 = 400 Ω
0001 = 200 Ω
0010 = 100 Ω
0110 = 50 Ω
1110 =AD6674-1000 and AD6674-750
1100 = AD6674-500
0x0C;
0x0E for
AD6674
-1000
and
AD6674
-750
0x934
Input
capacitance
(local)
0
0
0
0x1F = 3 pF to GND (default)
0x00 = 1.5 pF to GND
0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com