Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 97 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD6674 Datasheet HTML 89Page - Analog Devices AD6674 Datasheet HTML 90Page - Analog Devices AD6674 Datasheet HTML 91Page - Analog Devices AD6674 Datasheet HTML 92Page - Analog Devices AD6674 Datasheet HTML 93Page - Analog Devices AD6674 Datasheet HTML 94Page - Analog Devices AD6674 Datasheet HTML 95Page - Analog Devices AD6674 Datasheet HTML 96Page - Analog Devices AD6674 Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 97 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 96 of 96
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
7.70
7.60 SQ
7.50
0.45
0.40
0.35
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.18
9.10
9.00 SQ
8.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.20 MIN
7.50 REF
COMPLIANT TO JEDEC STANDARDS MO-220-WMMD
1
64
16
17
49
48
32
33
Figure 147. 64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
9 mm × 9 mm Body, Very Very Thin Quad
(CP-64-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description2
Package Option
AD6674BCPZ-500
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD6674BCPZRL7-500
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD6674BCPZ-750
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD6674BCPZRL7-750
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD6674BCPZ-1000
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD6674BCPZRL7-1000
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD6674-500EBZ
Evaluation Board for AD6674-500 (Optimized for Full Analog
Input Bandwidth)
AD6674-750EBZ
Evaluation Board for AD6674-750 (Optimized for Full Analog
Input Bandwidth)
AD6674-1000EBZ
Evaluation Board for AD6674-1000 (Optimized for Full
Analog Input Bandwidth)
AD6674-LF500EBZ
Evaluation Board for AD6674-500 (Optimized for Up to
1 GHz Analog Input Bandwidth)
AD6674-LF750EBZ
Evaluation Board for AD6674-750 (Optimized for Up to
1 GHz Input Bandwidth)
AD6674-LF1000EBZ
Evaluation Board for AD6674-1000 (Optimized for Up to
1 GHz Analog Input Bandwidth)
1 Z = RoHS Compliant Part.
2 The AD6674-500EBZ, AD6674-750EBZ, and AD6674-1000EBZ evaluation boards are optimized for the full analog input frequency range.
©2014–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12400-0-8/16(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com