Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 94 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD6674 Datasheet HTML 89Page - Analog Devices AD6674 Datasheet HTML 90Page - Analog Devices AD6674 Datasheet HTML 91Page - Analog Devices AD6674 Datasheet HTML 92Page - Analog Devices AD6674 Datasheet HTML 93Page - Analog Devices AD6674 Datasheet HTML 94Page - Analog Devices AD6674 Datasheet HTML 95Page - Analog Devices AD6674 Datasheet HTML 96Page - Analog Devices AD6674 Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 94 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 93 of 96
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x5B3
JESD204B
lane
SERDOUT1±
assign
X
X
X
X
0
Physical Lane 1 assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x11
0x5B5
JESD204B
lane
SERDOUT2±
assign
X
X
X
X
0
Physical Lane 2 assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x22
0x5B6
JESD204B
lane
SERDOUT3±
assign
X
X
X
X
0
Physical Lane 3 assignment
000 = Logical Lane 0
001 = Logical Lane 1
010 = Logical Lane 2
011 = Logical Lane 3
0x33
0x5BF
JESD
serializer
drive adjust
0
0
0
0
Swing voltage
0000 = 237.5 mV
0001 = 250 mV
0010 = 262.5 mV
0011 = 275 mV
0100 = 287.5 mV
0101 = 300 mV
0110 = 312.5 mV
0111 = 325 mV
1000 = 337.5 mV
1001 = 350 mV
1010 = 362.5 mV
1011 = 375 mV
1100 = 387.5 mV
1101 = 400 mV
1110 = 412.5 mV
1111 = 425 mV
0x05
0x5C1
De-
emphasis
select
0
SER-
DOUT3±
0 = disable
1 = enable
0
SER-
DOUT2±
0 = disable
1 = enable
0
SERDOUT1±
0 = disable
1 = enable
0
SER-
DOUT0±
0 = disable
1 = enable
0x00
0x5C2
De-
emphasis
setting for
SERDOUT0±
0
0
0
0
De-emphasis settings
0000 = de-emphasis disabled
1000 = 0.5 dB
1001 = 1.0 dB
1010 = 1.7 dB
1011 = 2.5 dB
1100 = 3.5 dB
1101 = 4.9 dB
1110 = 6.7 dB
1111 = 9.6 dB
0x00
0x5C3
De-
emphasis
setting for
SERDOUT1±
0
0
0
0
De-emphasis settings
0000 = de-emphasis disabled
1000 = 0.5 dB
1001 = 1.0 dB
1010 = 1.7 dB
1011 = 2.5 dB
1100 = 3.5 dB
1101 = 4.9 dB
1110 = 6.7 dB
1111 = 9.6 dB
0x00
0x5C4
De-
emphasis
setting for
SERDOUT2±
0
0
0
0
De-emphasis settings
0000 = de-emphasis disabled
1000 = 0.5 dB
1001 = 1.0 dB
1010 = 1.7 dB
1011 = 2.5 dB
1100 = 3.5 dB
1101 = 4.9 dB
1110 = 6.7 dB
1111 = 9.6 dB
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com