Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 96 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD6674 Datasheet HTML 89Page - Analog Devices AD6674 Datasheet HTML 90Page - Analog Devices AD6674 Datasheet HTML 91Page - Analog Devices AD6674 Datasheet HTML 92Page - Analog Devices AD6674 Datasheet HTML 93Page - Analog Devices AD6674 Datasheet HTML 94Page - Analog Devices AD6674 Datasheet HTML 95Page - Analog Devices AD6674 Datasheet HTML 96Page - Analog Devices AD6674 Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 96 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 95 of 96
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The AD6674 must be powered by the following seven supplies:
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR
= 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V.
For applications requiring an optimal high power efficiency and
low noise performance, it is recommended that the ADP2164
and ADP2370 switching regulators be used to convert the 3.3 V,
5.0 V, or 12 V input rails to an intermediate rail (1.8 V and
3.8 V). These intermediate rails are then postregulated by very
low noise, low dropout (LDO) regulators (ADP1741, ADM7172,
and ADP125). Figure 145 shows the recommended method. For
more detailed information on the recommended power
solution, refer to the AD6674 evaluation board documentation.
AVDD1
1.25V
AVDD1_SR
1.25V
DVDD
1.25V
SPIVDD
(1.8V OR 3.3V)
3.6V
3.3V
DRVDD
1.25V
1.8V
ADP1741
ADP125
AVDD3
3.3V
ADM7172
OR
ADP1741
AVDD2
2.5V
ADP1741
Figure 145. High Efficiency, Low Noise Power Solution for the AD6674
It is not necessary to split all of these power domains in all
cases. The recommended solution shown in Figure 145 provides
the lowest noise, highest efficiency power delivery system for
the AD6674. If only one 1.25 V supply is available, it must be
routed to AVDD1 first and then tapped off and isolated with a
ferrite bead or a filter choke preceded by decoupling capacitors
for AVDD1_SR, DVDD, and DRVDD, in that order. The user
can use several different decoupling capacitors to cover both
high and low frequencies. These must be located close to the
point of entry at the PCB level and close to the devices, with
minimal trace lengths.
EXPOSED PAD THERMAL HEAT SLUG
RECOMMENDATIONS
It is required that the exposed pad on the underside of the ADC
be connected to ground to achieve the best electrical and
thermal performance of the AD6674. Connect an exposed
continuous copper plane on the PCB to the AD6674 exposed
pad, Pin 0. The copper plane must have several vias to achieve
the lowest possible resistive thermal path for heat dissipation to
flow through the bottom of the PCB. These vias must be solder
filled or plugged. The number of vias and the fill determine the
resultant θJA measured on the board.
To maximize the coverage and adhesion between the ADC and
PCB, partition the continuous copper plane by overlaying a
silkscreen on the PCB into several uniform sections. This
provides several tie points between the ADC and PCB during
the reflow process, whereas using one continuous plane with no
partitions only guarantees one tie point. See Figure 146 for a
PCB layout example. For detailed information on packaging
and the PCB layout of chip scale packages, see the AN-772
Application Note, A Design and Manufacturing Guide for the
Lead Frame Chip Scale Package (LFCSP).
Figure 146. Recommended PCB Layout of Exposed Pad for the AD6674
AVDD1_SR (PIN 57) AND AGND (PIN 56, PIN 60)
AVDD1_SR (Pin 57) and AGND (Pin 56 and Pin 60) can be
used to provide a separate power supply node to the SYSREF±
circuits of the AD6674. If running in Subclass 1, the AD6674
can support periodic one-shot or gapped signals. To minimize
the coupling of this supply into the AVDD1 supply node,
adequate supply bypassing is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com