Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 52 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD6674 Datasheet HTML 48Page - Analog Devices AD6674 Datasheet HTML 49Page - Analog Devices AD6674 Datasheet HTML 50Page - Analog Devices AD6674 Datasheet HTML 51Page - Analog Devices AD6674 Datasheet HTML 52Page - Analog Devices AD6674 Datasheet HTML 53Page - Analog Devices AD6674 Datasheet HTML 54Page - Analog Devices AD6674 Datasheet HTML 55Page - Analog Devices AD6674 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 51 of 96
HALF-BAND FILTERS
The AD6674 offers four half-band filters to enable digital signal
processing of the ADC converted data. These half-band filters
are bypassable and can be individually selected.
HB4 Filter
The first decimate by 2, half-band, low-pass, FIR filter (HB4)
uses an 11-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption. The HB4
filter is only used when complex outputs (decimate by 16) or
real outputs (decimate by 8) are enabled; otherwise, it is
bypassed. Table 19 and Figure 106 show the coefficients and
response of the HB4 filter.
Table 19. HB4 Filter Coefficients
HB4 Coefficient
Number
Normalized
Coefficient
Decimal
Coefficient (15-Bit)
C1, C11
0.006042
99
C2, C10
0
0
C3, C9
−0.049316
−808
C4, C8
0
0
C5, C7
0.293273
4805
C6
0.500000
8192
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 106. HB4 Filter Response
HB3 Filter
The second decimate by 2, half-band, low-pass, FIR filter (HB3)
uses an 11-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption. The HB3
filter is only used when complex outputs (decimate by 8 or 16)
or real outputs (decimate by 4 or 8) are enabled; otherwise, it is
bypassed. Table 20 and Figure 107 show the coefficients and
response of the HB3 filter.
Table 20. HB3 Filter Coefficients
HB3 Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(18-Bit)
C1, C11
0.006554
859
C2, C10
0
0
C3, C9
−0.050819
−6661
C4, C8
0
0
C5, C7
0.294266
38,570
C6
0.500000
65,536
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 107. HB3 Filter Response
HB2 Filter
The third decimate by 2, half-band, low-pass, FIR filter (HB2)
uses a 19-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption.
The HB2 filter is only used when complex or real outputs
(decimate by 4, 8, or 16) is enabled; otherwise, it is bypassed.
Table 21 and Figure 108 show the coefficients and response of
the HB2 filter.
Table 21. HB2 Filter Coefficients
HB2 Coefficient
Number
Normalized
Coefficient
Decimal
Coefficient (19-Bit)
C1, C19
0.000614
161
C2, C18
0
0
C3, C17
−0.005066
−1328
C4, C16
0
0
C5, C15
0.022179
5814
C6, C14
0
0
C7, C13
−0.073517
−19,272
C8, C12
0
0
C9, C11
0.305786
80,160
C10
0.500000
131,072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com