Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 51 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD6674 Datasheet HTML 47Page - Analog Devices AD6674 Datasheet HTML 48Page - Analog Devices AD6674 Datasheet HTML 49Page - Analog Devices AD6674 Datasheet HTML 50Page - Analog Devices AD6674 Datasheet HTML 51Page - Analog Devices AD6674 Datasheet HTML 52Page - Analog Devices AD6674 Datasheet HTML 53Page - Analog Devices AD6674 Datasheet HTML 54Page - Analog Devices AD6674 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 50 of 96
FIR FILTERS
GENERAL DESCRIPTION
There are four sets of decimate by 2, low-pass, half-band, finite
impulse response (FIR) filters (labeled HB1 FIR, HB2 FIR, HB3
FIR, and HB4 FIR in Figure 102) following the frequency
translation stage. After the carrier of interest is tuned down to
dc (carrier frequency = 0 Hz), these filters efficiently lower the
sample rate, while providing sufficient alias rejection from
unwanted adjacent carriers around the bandwidth of interest.
HB1 FIR is always enabled and cannot be bypassed. The HB2,
HB3, and HB4 FIR filters are optional and can be bypassed for
higher output sample rates.
Table 17 shows the different bandwidths selectable by including
different half-band filters. In all cases, the DDC filtering stage
on the AD6674 provides <−0.001 dB of pass-band ripple and
>100 dB of stop-band alias rejection.
Table 18 shows the amount of stop-band alias rejection for
multiple pass-band ripple/cutoff points. The decimation ratio of
the filtering stage of each DDC can be controlled individually
through Bits[1:0] of the DDC control registers (Register 0x310,
Register 0x330, Register 0x350, and Register 0x370).
Table 17. DDC Filter Characteristics
ADC
Sample
Rate
(MSPS)
Half Band
Filter
Selection
Real Output
Complex (I/Q) Output
Alias
Protected
Bandwidth
(MHz)
Ideal SNR
Improvement1
(dB)
Pass-
Band
Ripple
(dB)
Alias
Rejection
(dB)
Decimation
Ratio
Output
Sample
Rate
(MSPS)
Decimation
Ratio
Output Sample Rate
(MSPS)
1000
HB1
1
1000
2
500 (I) + 500 (Q)
385.0
1
<−0.001
>100
HB1 + HB2
2
500
4
250 (I) + 250 (Q)
192.5
4
HB1 + HB2 +
HB3
4
250
8
125 (I) + 125 (Q)
96.3
7
HB1 + HB2 +
HB3 + HB4
8
125
16
62.5 (I) + 62.5 (Q)
48.1
10
750
HB1
1
750
2
375 (I) + 375 (Q)
288.8
1
HB1 + HB2
2
375
4
187.5 (I) + 187.5 (Q)
144.4
4
HB1 + HB2 +
HB3
4
187.5
8
93.75 (I) + 93.75 (Q)
72.2
7
HB1 + HB2 +
HB3 + HB4
8
93.75
16
46.875 (I) + 46.875 (Q)
36.1
10
500
HB1
1
500
2
250 (I) + 250 (Q)
192.5
1
HB1 + HB2
2
250
4
125 (I) + 125 (Q)
96.3
4
HB1 + HB2 +
HB3
4
125
8
62.5 (I) + 62.5 (Q)
48.1
7
HB1 + HB2 +
HB3 + HB4
8
62.5
16
31.25 (I) + 31.25 (Q)
24.1
10
1 Ideal SNR improvement due to oversampling and filtering = 10log(bandwidth/(fS/2)).
Table 18. DDC Filter Alias Rejection
Alias Rejection
(dB)
Pass-Band Ripple/Cutoff
Point (dB)
Alias Protected Bandwidth for Real
(I) Outputs1
Alias Protected Bandwidth for Complex
(I/Q) Outputs
>100
<−0.001
<38.5% × fOUT
<77% × fOUT
90
<−0.001
<38.7% × fOUT
<77.4% × fOUT
85
<−0.001
<38.9% × fOUT
<77.8% × fOUT
63.3
<−0.006
<40% × fOUT
<80% × fOUT
25
−0.5
44.4% × fOUT
88.8% × fOUT
19.3
−1.0
45.6% × fOUT
91.2% × fOUT
10.7
−3.0
48% × fOUT
96% × fOUT
1 fOUT = ADC input sample rate ÷ DDC decimation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com