Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 81 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 81 Page - Analog Devices

Back Button AD6674 Datasheet HTML 77Page - Analog Devices AD6674 Datasheet HTML 78Page - Analog Devices AD6674 Datasheet HTML 79Page - Analog Devices AD6674 Datasheet HTML 80Page - Analog Devices AD6674 Datasheet HTML 81Page - Analog Devices AD6674 Datasheet HTML 82Page - Analog Devices AD6674 Datasheet HTML 83Page - Analog Devices AD6674 Datasheet HTML 84Page - Analog Devices AD6674 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 80 of 96
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into seven sections: the
Analog Devices SPI registers, the analog input buffer control
registers, ADC function registers, the DDC function registers,
NSR decimate by 2 and noise shaping requantizer registers,
variable dynamic range registers, and the digital outputs and
test modes registers.
Table 45 (see the Memory Map Register Table section)
documents the default hexadecimal value for each hexadecimal
address shown. The column with the heading Bit 7 (MSB) is the
start of the default hexadecimal value given. For example,
Address 0x561, the output mode register, has a hexadecimal
default value of 0x01. This means that Bit 0 = 1, and the
remaining bits are 0s. This setting is the default output format
value, which is twos complement. For more information on this
function and others, see the Table 45.
Open and Reserved Locations
All address and bit locations that are not included in Table 45
are not currently supported for this device. Write unused bits of
a valid address location with 0s unless the default value is set
otherwise. Writing to these locations is required only when part
of an address location is open (for example, Address 0x561). If
the entire address location is open (for example, Address 0x013),
do not write to this address location.
Default Values
After the AD6674 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 45.
Logic Levels
An explanation of logic level terminology follows:
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
“X” denotes a “don’t care”.
Channel Specific Registers
Some channel setup functions such as buffer input termination
(Register 0x016) can be programmed to a different value for
each channel. In these cases, channel address locations are
internally duplicated for each channel. These registers and bits are
designated in Table 45 as local. These local registers and bits can
be accessed by setting the appropriate Channel A or Channel B
bits in Register 0x008. If both bits are set, the subsequent write
affects the registers of both channels. In a read cycle, set only
Channel A or Channel B to read one of the two registers. If both
bits are set during an SPI read cycle, the device returns the value
for Channel A. Registers and bits designated as global in Table 45
affect the entire device and the channel features for which
independent settings are not allowed between channels. The
settings in Register 0x008 do not affect the global registers and
bits.
SPI Soft Reset
After issuing a soft reset by programming 0x81 to Register 0x000,
the AD6674 requires 5 ms to recover. Therefore, when program-
ming the AD6674 for application setup, ensure that an adequate
delay is programmed into the firmware after asserting the soft
reset and before starting the device setup.
Datapath Soft Reset
After programming the desired settings to the SPI registers, issue a
datapath soft reset by programming 0x02 to Register 0x001. This
reset function is implemented upon the next rising edge of the
input clock, after the register is programmed to issue the
datapath soft reset. This reset does not affect the contents of the
memory map registers; it only resets the datapath.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com