Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 73 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD6674 Datasheet HTML 69Page - Analog Devices AD6674 Datasheet HTML 70Page - Analog Devices AD6674 Datasheet HTML 71Page - Analog Devices AD6674 Datasheet HTML 72Page - Analog Devices AD6674 Datasheet HTML 73Page - Analog Devices AD6674 Datasheet HTML 74Page - Analog Devices AD6674 Datasheet HTML 75Page - Analog Devices AD6674 Datasheet HTML 76Page - Analog Devices AD6674 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 72 of 96
MULTICHIP SYNCHRONIZATION
The AD6674 has a SYSREF± input that allows the user flexible
options for synchronizing the internal blocks. The SYSREF±
input is a source synchronous system reference signal that
enables multichip synchronization. The input clock divider,
DDCs, signal monitor block, and JESD204B link can be
synchronized using the SYSREF± input. For the highest level of
timing accuracy, SYSREF± must meet setup and hold require-
ments relative to the CLK± input.
The flowchart in Figure 142 describes the internal mechanism
by which multichip synchronization can be achieved in the
AD6674. The AD6674 supports several features that aid users in
meeting the requirements for capturing a SYSREF± signal. The
SYSREF± sample event is defined as either a synchronous low to
high transition or a synchronous high to low transition. Addition-
ally, the AD6674 allows the SYSREF± signal to be sampled
using either the rising edge or falling edge of the CLK± input.
The AD6674 also has the ability to ignore a programmable
number (up to 16) of SYSREF± events. The SYSREF± control
options can be selected using Register 0x120 and Register 0x121.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com