Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 58 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 58 Page - Analog Devices

Back Button AD6674 Datasheet HTML 54Page - Analog Devices AD6674 Datasheet HTML 55Page - Analog Devices AD6674 Datasheet HTML 56Page - Analog Devices AD6674 Datasheet HTML 57Page - Analog Devices AD6674 Datasheet HTML 58Page - Analog Devices AD6674 Datasheet HTML 59Page - Analog Devices AD6674 Datasheet HTML 60Page - Analog Devices AD6674 Datasheet HTML 61Page - Analog Devices AD6674 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 57 of 96
NOISE SHAPING REQUANTIZER (NSR)
When operating the AD6674 with the NSR enabled, a decimating
half-band filter that is optimized at certain input frequency
bands can also be enabled. This filter offers the user the flexibility
in signal bandwidth process and image rejection. Careful
frequency planning can offer advantages in analog filtering
preceding the ADC. The filter can function either in high-pass
or low-pass mode. On the AD6674-750 and AD6674-1000, this
filter is nonbypassable when the NSR is enabled. The filter can
be optionally enabled on the AD6674-500 when the NSR is
enabled. When operating with NSR enabled, the decimating
half-band filter mode (low pass or high pass) is selected by
setting Bit 7 in Register 0x41E.
DECIMATING HALF-BAND FILTER
The AD6674 decimating half-band filter reduces the input
sample rate by a factor of 2 while rejecting aliases that fall into
the band of interest. For an input sample clock of 1000 MHz,
this reduces the output sample rate to 500 MSPS. This filter is
designed to provide >40 dB of alias protection for 39.5% of the
output sample rate (79% of the Nyquist band). For an ADC
sample rate of 1000 MSPS, the filter provides a maximum
usable bandwidth of 197.5 MHz.
Half-Band Filter Coefficients
The 19-tap, symmetrical, fixed coefficient half-band filter has
low power consumption due to its polyphase implementation.
Table 24 lists the coefficients of the half-band filter in low-pass
mode. In high-pass mode, Coefficient C9 is multiplied by −1.
The normalized coefficients used in the implementation and
the decimal equivalent values of the coefficients are listed.
Coefficients not listed in Table 24 are 0s.
Table 24. Fixed Coefficients for Half-Band Filter
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(12-Bit)
0
0.012207
25
C2, C16
−0.022949
−47
C4, C14
0.045410
93
C6, C12
−0.094726
−194
C8, C10
0.314453
644
C9
0.500000
1024
Half-Band Filter Features
The half-band decimating filter is designed to provide approxi-
mately 39.5% of the output sample rate in usable bandwidth
(19.75% of the input sample clock). The filter provides >40 dB
of rejection. The response of the half-band filter in low-pass
mode is shown in Figure 111 for an input sample clock of
1000 MHz. In low-pass mode, operation is allowed in the first
Nyquist zone, which includes frequencies of up to fS/2, where fS
is the decimated sample rate. For example, with an input clock
of 1000 MHz, the output sample rate is 500 MSPS and fS/2 =
250 MHz.
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.05 0.10 0.15 0.20 0.25
NORMALIZED FREQUENCY (×
RAD/SAMPLE)
0.30 0.35 0.40 0.45 0.50
Figure 111. Low-Pass Half-Band Filter Response
The half-band filter can also be utilized in high-pass mode. The
usable bandwidth remains at 39.5% of the output sample rate
(19.75% of the input sample clock), which is the same as in low-
pass mode). Figure 112 shows the response of the half-band
filter in high-pass mode with an input sample clock of 1000 MHz.
In high-pass mode, operation is allowed in the second and third
Nyquist zones, which includes frequencies from fS/2 to 3 fS/2,
where fS is the decimated sample rate. For example, with an
input clock of 1000 MHz, the output sample rate is 500 MSPS,
fS/2 = 250 MHz, and 3 fS/2 = 750 MHz.
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.1
0.2
0.3
0.4
0.5
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
0.6
0.7
0.8
0.9
1.0
Figure 112. High-Pass Half-Band Filter Response
NSR OVERVIEW
The AD6674 features an NSR to allow higher than 9-bit SNR to
be maintained in a subset of the Nyquist band. The harmonic
performance of the receiver is unaffected by the NSR feature.
When enabled, the NSR contributes an additional 3.0 dB of loss
to the input signal, such that a 0 dBFS input is reduced to
−3.0 dBFS at the output pins. This loss does not degrade the SNR
performance of the AD6674.
The NSR feature can be independently controlled per channel
via the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com