Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 77 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD6674 Datasheet HTML 73Page - Analog Devices AD6674 Datasheet HTML 74Page - Analog Devices AD6674 Datasheet HTML 75Page - Analog Devices AD6674 Datasheet HTML 76Page - Analog Devices AD6674 Datasheet HTML 77Page - Analog Devices AD6674 Datasheet HTML 78Page - Analog Devices AD6674 Datasheet HTML 79Page - Analog Devices AD6674 Datasheet HTML 80Page - Analog Devices AD6674 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 76 of 96
TEST MODES
ADC TEST MODES
The AD6674 has various test options that aid in the system level
implementation. The AD6674 has ADC test modes that are
available in Register 0x550. These test modes are described in
Table 38. When an output test mode is enabled, the analog
section of the ADC is disconnected from the digital back-end
blocks and the test pattern is run through the output formatting
block. Some of the test patterns are subject to output formatting,
and some are not. The PN generators from the PN sequence
tests can be reset by setting Bit 4 or Bit 5 of Register 0x550.
These tests can be performed with or without an analog signal
(if present, the analog signal is ignored), but they do require an
encode clock.
If the application mode is set to select a DDC mode of operation,
the test modes must be enabled for each DDC enabled. The test
patterns can be enable via Bit 2 and Bit 0 of Register 0x327,
Register 0x347, and Register 0x367, depening on which DDC(s)
are selected. The (I) data uses the test patterns selected for Channel
A and the (Q) data uses the test patterns selected for Channel B.
For the case of DDC3 only, the (I) data uses the test patterns from
Channel A, and the (Q) data does not output test patterns. Bit 0 of
Register 0x387 selects the Channel A test patterns to be used for the
(I) data. For more information, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
JESD204B BLOCK TEST MODES
In addition to the ADC test modes, the AD6674 also has flexible
test modes in the JESD204B block. These test modes are listed
in Register 0x573 and Register 0x574. These test patterns can be
inserted at various points along the output data path. These test
insertion points are shown in Figure 124. Table 39 describes the
various test modes available in the JESD204B block. For the
AD6674, a transition from the test modes (Register 0x573 ≠
0x00) to normal mode (0x573 = 0x00) require a SPI soft reset.
This is done by writing 0x81 to Register 0x00 (self cleared).
Transport Layer Sample Test Mode
The transport layer samples are implemented in the AD6674 as
defined by Section 5.1.6.3 in the JEDEC JESD204B specification.
These tests are enabled via Register 0x571[5]. The test pattern is
equivalent to the raw samples from the ADC.
Interface Test Modes
The interface test modes are described in Register 0x573, Bits[3:0].
These test modes are also explained in Table 39. The interface
tests can be inserted at various points along the data. See Figure 124
for more information on the test insertion points. Register 0x573,
Bits[5:4], show where these tests are inserted.
Table 38. ADC Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default/Seed
Value
Sample (N, N + 1, N + 2, …)
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
00 0000 0000 0000
Not applicable
Not applicable
0010
+Full-scale short
01 1111 1111 1111
Not applicable
Not applicable
0011
−Full-scale short
10 0000 0000 0000
Not applicable
Not applicable
0100
Checkerboard
10 1010 1010 1010
Not applicable
0x1555, 0x2AAA, 0x1555, 0x2AAA, 0x1555
0101
PN sequence long
x23 + x18 + 1
0x3AFF
0x3FD7, 0x0002, 0x26E0, 0x0A3D, 0x1CA6
0110
PN sequence short
x9 + x5 + 1
0x0092
0x125B, 0x3C9A, 0x2660, 0x0c65, 0x0697
0111
One-/zero word toggle
11 1111 1111 1111
Not applicable
0x0000, 0x3FFF, 0x0000, 0x3FFF, 0x0000
1000
User input
Register 0x551 to
Register 0x558
Not applicable
For repeat mode: User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2], User Pattern 1[15:2]…
For single mode: User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2], 0x0000…
1111
Ramp output
(x) % 214
Not applicable
(x) % 214, (x + 1) % 214, (x + 2) % 214, (x + 3) % 214
Table 39. JESD204B Interface Test Modes
Output Test Mode Bit
Sequence
Pattern Name
Expression
Default
0000
Off (default)
Not applicable
Not applicable
0001
Alternating checker board
0x5555, 0xAAAA, 0x5555…
Not applicable
0010
1/0 word toggle
0x0000, 0xFFFF, 0x0000…
Not applicable
0011
31-bit PN sequence
x31 + x28 + 1
0x0003AFFF
0100
23-bit PN sequence
x23 + x18 + 1
0x003AFF
0101
15-bit PN sequence
x15 + x14 + 1
0x03AF
0110
9-bit PN sequence
x9 + x5 + 1
0x092
0111
7-bit PN sequence
x7 + x6 + 1
0x07
1000
Ramp output
(x) % 216
Ramp size depends on test insertion point
1110
Continuous/repeat user test
Register 0x551 to Register 0x558
User Pattern 1 to User Pattern 4, then repeat
1111
Single user test
Register 0x551 to Register 0x558
User Pattern 1 to User Pattern 4, then zeros



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com