Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6674 Datasheet HTML 28Page - Analog Devices AD6674 Datasheet HTML 29Page - Analog Devices AD6674 Datasheet HTML 30Page - Analog Devices AD6674 Datasheet HTML 31Page - Analog Devices AD6674 Datasheet HTML 32Page - Analog Devices AD6674 Datasheet HTML 33Page - Analog Devices AD6674 Datasheet HTML 34Page - Analog Devices AD6674 Datasheet HTML 35Page - Analog Devices AD6674 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 31 of 96
50
55
60
65
70
75
80
INPUT FREQUENCY (MHz)
6.5×
7.5×
8.5×
Figure 83. Buffer Current Sweeps, AD6674-750 (SFDR vs. Input Frequency and
IBUFF); 800 MHz < fIN < 2 GHz; Front-End Network Shown in Figure 74
Figure 84, Figure 85, and Figure 86 show the SFDR vs. analog
input frequency for various buffer settings for the AD6674-500.
The recommended settings shown in Table 10 were used to take
the data while changing the contents of register 0x018 only.
0
10
20
30
40
50
60
70
80
90
100
10.3
95.3
150.3 180.3 240.3 301.3 340.7 390.3 450.3
INPUT FREQUENCY (MHz)
1.0×
1.5×
2.0×
3.0×
4.5×
Figure 84. Buffer Current Sweeps, AD6674-500 (SFDR vs. Input Frequency and
IBUFF); 10 MHz < fIN < 450 MHz; Front-End Network Shown in Figure 74
65
70
75
80
85
90
95
450.3
480.3
510.3
515.3
610.3
765.3
810.3
985.3
4.0×
5.0×
6.0×
7.0×
8.0×
INPUT FREQUENCY (MHz)
Figure 85. Buffer Current Sweeps, AD6674-500 (SFDR vs. Input Frequency and
IBUFF); 450 MHz < fIN < 1000 MHz; Front-End Network Shown in Figure 74
40
45
50
55
60
65
70
75
80
1010.3
1205.3
1410.3
1600.3
1810.3
1950.3
INPUT FREQUENCY (MHz)
4.0×
5.0×
6.0×
7.0×
8.0×
Figure 86. Buffer Current Sweeps, AD6674-500 (SFDR vs. Input Frequency and
IBUFF); 1 GHz < fIN < 2 GHz; Front-End Network Shown in Figure 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com