Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 69 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD6674 Datasheet HTML 65Page - Analog Devices AD6674 Datasheet HTML 66Page - Analog Devices AD6674 Datasheet HTML 67Page - Analog Devices AD6674 Datasheet HTML 68Page - Analog Devices AD6674 Datasheet HTML 69Page - Analog Devices AD6674 Datasheet HTML 70Page - Analog Devices AD6674 Datasheet HTML 71Page - Analog Devices AD6674 Datasheet HTML 72Page - Analog Devices AD6674 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 68 of 96
DDC 0
I
Q
I
Q
REAL/I
CONVERTER 0
Q
CONVERTER 1
REAL/I
REAL/Q
DDC 1
I
Q
I
Q
REAL/I
CONVERTER 2
Q
CONVERTER 3
REAL/I
REAL/Q
DDC 2
I
Q
I
Q
REAL/I
CONVERTER 4
Q
CONVERTER 5
REAL/I
REAL/Q
DDC 3
I
Q
I
Q
REAL/I
CONVERTER 6
Q
CONVERTER 7
REAL/I
REAL/Q
OUTPUT
INTERFACE
I/Q
CROSSBAR
MUX
ADC A
SAMPLING
AT
fS
REAL/I
ADC B
SAMPLING
AT
fS
REAL/Q
Figure 138. DDCs and Virtual Converter Mapping
JESD204B Tx CONVERTER MAPPING
To support the different chip operating modes, the AD6674
design treats each sample stream (real or I/Q) as originating
from separate virtual converters. The I/Q samples are always
mapped in pairs with the I samples mapped to the first virtual
converter, and the Q samples mapped to the second virtual
converter. With this transport layer mapping, the number of
virtual converters are the same whether a single real converter is
used along with a DDC block producing I/Q outputs, or an
analog downconversion is used with two real converters
producing I/Q outputs.
Figure 139 shows a block diagram of the two scenarios
described for I/Q transport layer mapping.
REAL
I
Q
I
CONVERTER 0
Q
CONVERTER 1
ADC
ADC
90°
PHASE
Σ
JESD204B
Tx
L LANES
I/Q ANALOG MIXING
M = 2
ADC
REAL
REAL
I
CONVERTER 0
Q
CONVERTER 1
JESD204B
Tx
L LANES
DIGITAL DOWNCONVERSION
M = 2
DIGITAL
DOWN
CONVERSION
Figure 139. I/Q Transport Layer Mapping
The JESD204B Tx block for AD6674 supports up to four digital
DDC blocks. Each DDC block outputs either two sample streams
(I/Q) for the complex data components (real + imaginary) or
one sample stream for real (I) data. The JESD204B interface can
be configured to use up to eight virtual converters depending
on the DDC configuration. Figure 138 shows the virtual converters
and their relationship to DDC outputs when complex outputs
are used. Table 34 shows the virtual converter mapping for each
chip operating mode when channel swapping is disabled.
CONFIGURING THE JESD204B LINK
The AD6674 has one JESD204B link. It offers an easy way to
set up the JESD204B link through the quick configuration
register (Register 0x570). The serial outputs (SERDOUT0± to
SERDOUT3±) are considered to be part of one JESD204B link.
The basic parameters that determine the link setup are
Number of lanes per link (L)
Number of converters per link (M)
Number of octets per frame (F)
If the internal DDCs are used for on-chip digital processing,
the M value represents the number of virtual converters. The
virtual converter mapping setup is shown in Figure 138.
The maximum lane rate allowed by the JESD204B specification
is 12.5 Gbps. The lane rate is related to the JESD204B
parameters using the following equation:
L
f
N
M
Rate
Line
Lane
OUT
8
10
'
where:
Ratio
Decimation
f
f
CLOCK
ADC
OUT
_
The decimation ratio (DCM) is the parameter programmed in
Register 0x201.
Use the following steps to configure the output:
1.
Power down the link.
2.
Select the quick configuration options.
3.
Configure detailed options.
4.
Set output lane mapping (optional).
5.
Set additional driver configuration options (optional).
6.
Power up the link.
If the lane rate calculated is less than 6.25 Gbps, select the low
lane rate option by programming a value of 0x10 to Register 0x56E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com