Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 79 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 79 Page - Analog Devices

Back Button AD6674 Datasheet HTML 75Page - Analog Devices AD6674 Datasheet HTML 76Page - Analog Devices AD6674 Datasheet HTML 77Page - Analog Devices AD6674 Datasheet HTML 78Page - Analog Devices AD6674 Datasheet HTML 79Page - Analog Devices AD6674 Datasheet HTML 80Page - Analog Devices AD6674 Datasheet HTML 81Page - Analog Devices AD6674 Datasheet HTML 82Page - Analog Devices AD6674 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 78 of 96
Table 42. Scrambler 8-Bit Input (Register 0x573[5:4] = 'b10)
8-Bit Octet No.
Alternating Checkerboard
1/0 Word Toggle
Ramp
PN9
PN23
User Repeat
User Single
0
0x55
0x00
(x) % 28
0x49
0xFF
UP1[15:9]
UP1[15:9]
1
0xAA
0xFF
(x + 1) % 28
0x6F
0x5C
UP2[15:9]
UP2[15:9]
2
0x55
0x00
(x + 2) % 28
0xC9
0x00
UP3[15:9]
UP3[15:9]
3
0xAA
0xFF
(x + 3) % 28
0xA9
0x29
UP4[15:9]
UP4[15:9]
4
0x55
0x00
(x + 4) % 28
0x98
0xB8
UP1[15:9]
0x00
5
0xAA
0xFF
(x + 5) % 28
0x0C
0x0A
UP2[15:9]
0x00
6
0x55
0x00
(x + 6) % 28
0x65
0x3D
UP3[15:9]
0x00
7
0xAA
0xFF
(x + 7) % 28
0x1A
0x72
UP4[15:9]
0x00
8
0x55
0x00
(x + 8) % 28
0x5F
0x9B
UP1[15:9]
0x00
9
0xAA
0xFF
(x + 9) % 28
0xD1
0x26
UP2[15:9]
0x00
10
0x55
0x00
(x + 10) % 28
0x63
0x43
UP3[15:9]
0x00
11
0xAA
0xFF
(x + 11) % 28
0xAC
0xFF
UP4[15:9]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com