Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 90 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD6674 Datasheet HTML 86Page - Analog Devices AD6674 Datasheet HTML 87Page - Analog Devices AD6674 Datasheet HTML 88Page - Analog Devices AD6674 Datasheet HTML 89Page - Analog Devices AD6674 Datasheet HTML 90Page - Analog Devices AD6674 Datasheet HTML 91Page - Analog Devices AD6674 Datasheet HTML 92Page - Analog Devices AD6674 Datasheet HTML 93Page - Analog Devices AD6674 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 89 of 96
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x550
ADC test
modes
(local)
User
pattern
selection
0 =
contin-
uous
repeat
1 = single
pattern
0
Reset PN
long gen
0 = long
PN
enable
1 = long
PN reset
Reset PN
short gen
0 = short
PN enable
1 = short
PN reset
Test mode selection
0000 = off (normal operation)
0001 = midscale short
0010 = positive full scale
0011 = negative full scale
0100 = alternating checker board
0101 = PN sequence, long
0110 = PN sequence, short
0111 = 1/0 word toggle
1000 = user pattern test mode (used with
Register 0x550, Bit 7, and User Pattern 1 to
User Patten 4 registers)
1111 = ramp output
0x00
0x551
User
Pattern 1
LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x552
User
Pattern 1
MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x553
User
Pattern 2
LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x554
User
Pattern 2
MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x555
User
Pattern 3
LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x556
User
Pattern 3
MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x557
User
Pattern 4
LSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573
0x558
User
Pattern 4
MSB
0
0
0
0
0
0
0
0
0x00
Used
with
Reg.
0x550,
Reg.
0x573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com