Electronic Components Datasheet Search
  English  ▼

X  

AD6674 Datasheet(PDF) 91 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD6674 Datasheet HTML 87Page - Analog Devices AD6674 Datasheet HTML 88Page - Analog Devices AD6674 Datasheet HTML 89Page - Analog Devices AD6674 Datasheet HTML 90Page - Analog Devices AD6674 Datasheet HTML 91Page - Analog Devices AD6674 Datasheet HTML 92Page - Analog Devices AD6674 Datasheet HTML 93Page - Analog Devices AD6674 Datasheet HTML 94Page - Analog Devices AD6674 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 90 of 96
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x559
Output
Mode
Control 1
0
Converter Control Bit 1 selection (only
used when CS (0x58F) = 2 or 3)
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit or
VDR Punish Bit 0
011 = fast detect (FD) bit or
VDR Punish Bit 1
100 = VDR high/low resolution bit
101 = system reference
0
Converter Control Bit 0 selection (only
used when CS (0x58F) = 3)
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit or
VDR Punish Bit 0
011 = fast detect (FD) bit or VDR
Punish Bit 1
100 = VDR high/low resolution bit
101 = system reference
0x00
0x55A
Output
Mode
Control 2
0
0
0
0
0
Converter Control Bit 2 selection (used
when CS (0x58F) = 1, 2, or 3)
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit or
VDR Punish Bit 0
011 = fast detect (FD) bit or VDR
Punish Bit 1
100 = VDR high/low resolution bit
101 = system reference
0x01
0x561
Output
mode
0
0
0
0
0
Sample
invert
0 = normal
1 = sample
invert
Data format select
00 = offset binary
01 = twos complement
0x01
0x562
Output
overrange
(OR) clear
Virtual
Con-
verter 7
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter
6 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 5
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Converter
4 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 3
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Converter 2
OR
0 = or bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 1
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Converter 0
OR
0 = OR bit
enabled
1 = OR bit
cleared
0x00
0x563
Output
overrange
status
Virtual
Con-
verter 7
OR
0 = no OR
1 = OR
occurred
Virtual
Converter
6 OR
0 = no OR
1 = OR
occurred
Virtual
Con-
verter 5
OR
0 = no
OR
1 = OR
occurred
Virtual
Converter
4 OR
0 = no OR
1 = OR
occurred
Virtual
Con-
verter 3
OR
0 = no
OR
1 = OR
occurre
d
Virtual
Converter 2
OR
0 = no OR
1 = OR
occurred
Virtual
Con-
verter 1
OR
0 = no
OR
1 = OR
occurre
d
Virtual
Converter 0
OR
0 = no OR
1 = OR
occurred
0x00
Read
only
0x564
Output
channel
select
0
0
0
0
0
0
0
Converter
channel
swap
0 = normal
channel
ordering
1 =
channel
swap
enabled
0x00
0x56E
JESD204B
lane rate
control
0
0
0
0 = serial
lane rate ≥
6.25 Gbps
and ≤
12.5 Gbps
1 = serial
lane rate
must be ≥
3.125 Gbps
and
<6.25 Gbps
0
0
0
0
0x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com