Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 5 Page - Texas Instruments

  PCI7620 Datasheet HTML 1Page - Texas Instruments PCI7620 Datasheet HTML 2Page - Texas Instruments PCI7620 Datasheet HTML 3Page - Texas Instruments PCI7620 Datasheet HTML 4Page - Texas Instruments PCI7620 Datasheet HTML 5Page - Texas Instruments PCI7620 Datasheet HTML 6Page - Texas Instruments PCI7620 Datasheet HTML 7Page - Texas Instruments PCI7620 Datasheet HTML 8Page - Texas Instruments PCI7620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 248 page
background image
vi
5
ExCA Compatibility Registers (Functions 0 and 1)
5–1
. . . . . . . . . . . . . . . . . .
5.1
ExCA Identification and Revision Register
5–5
. . . . . . . . . . . . . . . . . . . . . .
5.2
ExCA Interface Status Register
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
ExCA Power Control Register
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
ExCA Interrupt and General Control Register
5–8
. . . . . . . . . . . . . . . . . . .
5.5
ExCA Card Status-Change Register
5–9
. . . . . . . . . . . . . . . . . . . . . . . . . . .
5.6
ExCA Card Status-Change Interrupt Configuration Register
5–10
. . . . . . .
5.7
ExCA Address Window Enable Register
5–11
. . . . . . . . . . . . . . . . . . . . . . . .
5.8
ExCA I/O Window Control Register
5–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.9
ExCA I/O Windows 0 and 1 Start-Address Low-Byte Registers
5–13
. . . .
5.10
ExCA I/O Windows 0 and 1 Start-Address High-Byte Registers
5–13
. . . .
5.11
ExCA I/O Windows 0 and 1 End-Address Low-Byte Registers
5–14
. . . . .
5.12
ExCA I/O Windows 0 and 1 End-Address High-Byte Registers
5–14
. . . .
5.13
ExCA Memory Windows 0–4 Start-Address Low-Byte Registers
5–15
. . .
5.14
ExCA Memory Windows 0–4 Start-Address High-Byte Registers
5–16
. . .
5.15
ExCA Memory Windows 0–4 End-Address Low-Byte Registers
5–17
. . . .
5.16
ExCA Memory Windows 0–4 End-Address High-Byte Registers
5–18
. . .
5.17
ExCA Memory Windows 0–4 Offset-Address Low-Byte Registers
5–19
. .
5.18
ExCA Memory Windows 0–4 Offset-Address High-Byte Registers
5–20
.
5.19
ExCA Card Detect and General Control Register
5–21
. . . . . . . . . . . . . . . .
5.20
ExCA Global Control Register
5–22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.21
ExCA I/O Windows 0 and 1 Offset-Address Low-Byte Registers
5–23
. . .
5.22
ExCA I/O Windows 0 and 1 Offset-Address High-Byte Registers
5–23
. . .
5.23
ExCA Memory Windows 0–4 Page Registers
5–24
. . . . . . . . . . . . . . . . . . .
6
CardBus Socket Registers (Functions 0 and 1)
6–1
. . . . . . . . . . . . . . . . . . . . . .
6.1
Socket Event Register
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Socket Mask Register
6–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3
Socket Present State Register
6–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.4
Socket Force Event Register
6–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.5
Socket Control Register
6–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.6
Socket Power Management Register
6–8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7
OHCI Controller Programming Model
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
Vendor ID Register
7–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2
Device ID Register
7–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.3
Command Register
7–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.4
Status Register
7–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.5
Class Code and Revision ID Register
7–5
. . . . . . . . . . . . . . . . . . . . . . . . . .
7.6
Latency Timer and Class Cache Line Size Register
7–5
. . . . . . . . . . . . . .
7.7
Header Type and BIST Register
7–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.8
OHCI Base Address Register
7–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.9
TI Extension Base Address Register
7–7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7.10
CardBus CIS Base Address Register
7–8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7.11
CardBus CIS Pointer Register
7–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.12
Subsystem Identification Register
7–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com