Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 24Page - Texas Instruments PCI7620 Datasheet HTML 25Page - Texas Instruments PCI7620 Datasheet HTML 26Page - Texas Instruments PCI7620 Datasheet HTML 27Page - Texas Instruments PCI7620 Datasheet HTML 28Page - Texas Instruments PCI7620 Datasheet HTML 29Page - Texas Instruments PCI7620 Datasheet HTML 30Page - Texas Instruments PCI7620 Datasheet HTML 31Page - Texas Instruments PCI7620 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 248 page
background image
2–7
Table 2–2. CardBus PC Card Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
GND
H09
MS_SDIO(DATA0)
G01
TPA0N
W14
GND
H11
NC
N13
TPA0P
V14
GND
J09
NC
M12
TPA1N
W18
GND
J10
NC
P14
TPA1P
V18
GND
J11
NC
P15
TPBIAS0
U14
GND
J12
NC
R14
TPBIAS1
V19
GND
K09
NC
U16
TPB0N
W13
GND
K10
PAR
N09
TPB0P
V13
GND
K11
PCLK
R01
TPB1N
W16
GND
L08
PC0(TEST1)
N12
TPB1P
V16
GND
L09
PC1(TEST2)
U12
TRDY
V06
GND
L10
PC2(TEST3)
V12
VCC
G07
GND
L11
PERR
U07
VCC
G08
GND
L12
PHY_TEST_MA
R17
VCC
G11
GND
M08
PRST
P03
VCC
G12
GND
M09
REQ
T01
VCC
G13
GND
M10
RI_OUT/PME
R03
VCC
H10
GND
U09
RSVD
H05
VCC
H12
GNT
R02
RSVD
J05
VCC
J08
GRST
N05
RSVD
J06
VCC
K08
IDSEL
V03
RSVD
K01
VCC
K12
IRDY
U06
RSVD
K02
VCC
M07
LATCH
M02
RSVD
K03
VCC
M11
MC_CD_1
E01
R0
W15
VCC
M13
MC_CD_0
E02
R1
V15
VCC
N08
MC_PWR_CTRL_0
F01
SCL
K07
VCCA
A04
MC_PWR_CTRL_1
F03
SDA
L03
VCCA
A10
MFUNC0
M03
SD_CLK
H01
VCCB
D19
MFUNC1
L06
SD_CMD
H02
VCCB
K19
MFUNC2
N01
SD_DAT0
H03
VCCP
V01
MFUNC3
N02
SD_DAT1
J07
VCCP
W08
MFUNC4
N03
SD_DAT2
J01
VDPLL
U19
MFUNC5
M05
SD_DAT3
J02
VR_EN
L01
MFUNC6
P01
SD_WP
J03
VR_PORT
J19
MS_BS
F02
SERR
V07
VR_PORT
K05
MS_CLK
G05
SPKROUT
L07
VSPLL
T17
MS_DATA1
G02
STOP
W06
XI
T18
MS_DATA2
G03
SUSPEND
P02
XO
T19
MS_DATA3
H07
TEST0
R19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com