Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 3Page - Texas Instruments PCI7620 Datasheet HTML 4Page - Texas Instruments PCI7620 Datasheet HTML 5Page - Texas Instruments PCI7620 Datasheet HTML 6Page - Texas Instruments PCI7620 Datasheet HTML 7Page - Texas Instruments PCI7620 Datasheet HTML 8Page - Texas Instruments PCI7620 Datasheet HTML 9Page - Texas Instruments PCI7620 Datasheet HTML 10Page - Texas Instruments PCI7620 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 248 page
background image
viii
8.31
Link Control Register
8–28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.32
Node Identification Register
8–29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.33
PHY Layer Control Register
8–30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.34
Isochronous Cycle Timer Register
8–31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.35
Asynchronous Request Filter High Register
8–32
. . . . . . . . . . . . . . . . . . . . .
8.36
Asynchronous Request Filter Low Register
8–34
. . . . . . . . . . . . . . . . . . . . .
8.37
Physical Request Filter High Register
8–35
. . . . . . . . . . . . . . . . . . . . . . . . . .
8.38
Physical Request Filter Low Register
8–37
. . . . . . . . . . . . . . . . . . . . . . . . . .
8.39
Physical Upper Bound Register (Optional Register)
8–37
. . . . . . . . . . . . . .
8.40
Asynchronous Context Control Register
8–38
. . . . . . . . . . . . . . . . . . . . . . . .
8.41
Asynchronous Context Command Pointer Register
8–39
. . . . . . . . . . . . . .
8.42
Isochronous Transmit Context Control Register
8–40
. . . . . . . . . . . . . . . . . .
8.43
Isochronous Transmit Context Command Pointer Register
8–41
. . . . . . . .
8.44
Isochronous Receive Context Control Register
8–41
. . . . . . . . . . . . . . . . . .
8.45
Isochronous Receive Context Command Pointer Register
8–43
. . . . . . . .
8.46
Isochronous Receive Context Match Register
8–44
. . . . . . . . . . . . . . . . . . .
9
TI Extension Registers
9–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.1
DV and MPEG2 Timestamp Enhancements
9–1
. . . . . . . . . . . . . . . . . . . . .
9.2
Isochronous Receive Digital Video Enhancements
9–2
. . . . . . . . . . . . . . .
9.3
Isochronous Receive Digital Video Enhancements Register
9–2
. . . . . . .
9.4
Link Enhancement Register
9–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.5
Timestamp Offset Register
9–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10 PHY Register Configuration
10–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.1
Base Registers
10–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.2
Port Status Register
10–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.3
Vendor Identification Register
10–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4
Vendor-Dependent Register
10–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.5
Power-Class Programming
10–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11 Flash Media Controller Programming Model
11–1
. . . . . . . . . . . . . . . . . . . . . . . .
11.1
Vendor ID Register
11–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.2
Device ID Register
11–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.3
Command Register
11–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.4
Status Register
11–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.5
Class Code and Revision ID Register
11–5
. . . . . . . . . . . . . . . . . . . . . . . . . .
11.6
Latency Timer and Class Cache Line Size Register
11–5
. . . . . . . . . . . . . .
11.7
Header Type and BIST Register
11–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.8
Flash Media Base Address Register
11–6
. . . . . . . . . . . . . . . . . . . . . . . . . . .
11.9
Subsystem Vendor Identification Register
11–7
. . . . . . . . . . . . . . . . . . . . . . .
11.10 Subsystem Identification Register
11–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.11 Capabilities Pointer Register
11–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.12 Interrupt Line Register
11–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.13 Interrupt Pin Register
11–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.14 Minimum Grant Register
11–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.15 Maximum Latency Register
11–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com