Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 71 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 67Page - Texas Instruments PCI7620 Datasheet HTML 68Page - Texas Instruments PCI7620 Datasheet HTML 69Page - Texas Instruments PCI7620 Datasheet HTML 70Page - Texas Instruments PCI7620 Datasheet HTML 71Page - Texas Instruments PCI7620 Datasheet HTML 72Page - Texas Instruments PCI7620 Datasheet HTML 73Page - Texas Instruments PCI7620 Datasheet HTML 74Page - Texas Instruments PCI7620 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 248 page
background image
3–26
3.9.9.3 Flash Media (Function 3) Power Management
The PCI Bus Power Management Interface Specification is applicable for the flash media dedicated sockets. This
function supports the D0 and D3 power states.
Table 3–17. Function 3 Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
44h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
48h
3.9.10 CardBus Bridge Power Management
The PCI Bus Power Management Interface Specification for PCI to CardBus Bridges was approved by PCMCIA in
December of 1997. This specification follows the device and bus state definitions provided in the PCI Bus Power
Management Interface Specification published by the PCI Special Interest Group (SIG). The main issue addressed
in the PCI Bus Power Management Interface Specification for PCI to CardBus Bridges is wake-up from D3hot or D3cold
without losing wake-up context (also called PME context).
The specific issues addressed by the PCI Bus Power Management Interface Specification for PCI to CardBus Bridges
for D3 wake-up are as follows:
•
Preservation of device context. The specification states that a reset must occur during the transition from
D3 to D0. Some method to preserve wake-up context must be implemented so that the reset does not clear
the PME context registers.
•
Power source in D3cold if wake-up support is required from this state.
The Texas Instruments PCI7x20 device addresses these D3 wake-up issues in the following manner:
•
Two resets are provided to handle preservation of PME context bits:
–
Global reset (GRST) is used only on the initial boot up of the system after power up. It places the
PCI7x20 device in its default state and requires BIOS to configure the device before becoming fully
functional.
–
PCI reset (PRST) has dual functionality based on whether PME is enabled or not. If PME is enabled,
then PME context is preserved. If PME is not enabled, then PRST acts the same as a normal PCI reset.
Please see the master list of PME context bits in Section 3.9.12.
•
Power source in D3cold if wake-up support is required from this state. Since VCC is removed in D3cold, an
auxiliary power source must be supplied to the PCI7x20 VCC terminals. Consult the PCI14xx
Implementation Guide for D3 Wake-Up or the PCI Power Management Interface Specification for PCI to
CardBus Bridges for further information.
3.9.11 ACPI Support
The Advanced Configuration and Power Interface (ACPI) Specification provides a mechanism that allows unique
pieces of hardware to be described to the ACPI driver. The PCI7x20 device offers a generic interface that is compliant
with ACPI design rules.
Two doublewords of general-purpose ACPI programming bits reside in PCI7x20 PCI configuration space at offset
88h. The programming model is broken into status and control functions. In compliance with ACPI, the top level event
status and enable bits reside in the general-purpose event status register (PCI offset 88h, see Section 4.32) and
general-purpose event enable register (PCI offset 89h, see Section 4.33). The status and enable bits are
implemented as defined by ACPI and illustrated in Figure 3–15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com