Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 96 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 96 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 92Page - Texas Instruments PCI7620 Datasheet HTML 93Page - Texas Instruments PCI7620 Datasheet HTML 94Page - Texas Instruments PCI7620 Datasheet HTML 95Page - Texas Instruments PCI7620 Datasheet HTML 96Page - Texas Instruments PCI7620 Datasheet HTML 97Page - Texas Instruments PCI7620 Datasheet HTML 98Page - Texas Instruments PCI7620 Datasheet HTML 99Page - Texas Instruments PCI7620 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 248 page
background image
4–19
Table 4–8. System Control Register Description (continued)
BIT
SIGNAL
TYPE
FUNCTION
22 ‡
CBRSVD
RW
CardBus reserved terminals signaling. When this bit is set, the RSVD CardBus terminals are driven
low when a CardBus card has been inserted. When this bit is low, these signals are placed in a
high-impedance state.
0 = Place the CardBus RSVD terminals in a high-impedance state.
1 = Drive the CardBus RSVD terminals low (default).
21 ‡
VCCPROT
RW
VCC protection enable. This bit is socket dependent.
0 = VCC protection is enabled for 16-bit cards (default).
1 = VCC protection is disabled for 16-bit cards.
20–16 ‡
RSVD
RW
These bits are reserved. Do not change the value of these bits.
15 ‡§
MRBURSTDN
RW
Memory read burst enable downstream. When this bit is set, the PCI7x20 device allows memory read
transactions to burst downstream.
0 = MRBURSTDN downstream is disabled.
1 = MRBURSTDN downstream is enabled (default).
14 ‡§
MRBURSTUP
RW
Memory read burst enable upstream. When this bit is set, the PCI7x20 device allows memory read
transactions to burst upstream.
0 = MRBURSTUP upstream is disabled (default).
1 = MRBURSTUP upstream is enabled.
13 ‡
SOCACTIVE
R
Socket activity status. When set, this bit indicates access has been performed to or from a PC Card.
Reading this bit causes it to be cleared. This bit is socket dependent.
0 = No socket activity (default)
1 = Socket activity
12
RSVD
R
Reserved. This bit returns 1 when read.
11 ‡
PWRSTREAM
R
Power-stream-in-progress status bit. When set, this bit indicates that a power stream to the power
switch is in progress and a powering change has been requested. When this bit is cleared, it indicates
that the power stream is complete.
0 = Power stream is complete, delay has expired (default).
1 = Power stream is in progress.
10 †
DELAYUP
R
Power-up delay-in-progress status bit. When set, this bit indicates that a power-up stream has been
sent to the power switch, and proper power may not yet be stable. This bit is cleared when the power-up
delay has expired.
0 = Power-up delay has expired (default).
1 = Power-up stream sent to switch. Power might not be stable.
9 †
DELAYDOWN
R
Power-down delay-in-progress status bit. When set, this bit indicates that a power-down stream has
been sent to the power switch, and proper power may not yet be stable. This bit is cleared when the
power-down delay has expired.
0 = Power-down delay has expired (default).
1 = Power-down stream sent to switch. Power might not be stable.
8 †
INTERROGATE
R
Interrogation in progress. When set, this bit indicates an interrogation is in progress, and clears when
the interrogation completes. This bit is socket-dependent.
0 = Interrogation not in progress (default)
1 = Interrogation in progress
7
RSVD
R
Reserved. This bit returns 0 when read.
6 ‡§
PWRSAVINGS
RW
Power savings mode enable. When this bit is set, the PCI7x20 device consumes less power with no
performance loss. This bit is shared between the two PCI7x20 CardBus functions.
0 = Power savings mode disabled
1 = Power savings mode enabled (default)
5 ‡§
SUBSYSRW
RW
Subsystem ID and subsystem vendor ID, ExCA ID and revision register read/write enable. This bit also
controls read/write for the function 3 subsystem ID register.
0 = Registers are read/write.
1 = Registers are read-only (default).
† One or more bits in this register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then this bit is cleared by the assertion of PRST or GRST.
‡ One or more bits in this register are cleared only by the assertion of GRST.
§ These bits are global in nature and must be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com