Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 53 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 49Page - Texas Instruments PCI7620 Datasheet HTML 50Page - Texas Instruments PCI7620 Datasheet HTML 51Page - Texas Instruments PCI7620 Datasheet HTML 52Page - Texas Instruments PCI7620 Datasheet HTML 53Page - Texas Instruments PCI7620 Datasheet HTML 54Page - Texas Instruments PCI7620 Datasheet HTML 55Page - Texas Instruments PCI7620 Datasheet HTML 56Page - Texas Instruments PCI7620 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 248 page
background image
3–8
Table 3–2. PC Card—Card Detect and Voltage Sense Connections
CD2//CCD2
CD1//CCD1
VS2//CVS2
VS1//CVS1
Key
Interface
VCC
VPP/VCORE
Ground
Ground
Open
Open
5 V
16-bit PC Card
5 V
Per CIS (VPP)
Ground
Ground
Open
Ground
5 V
16-bit PC Card
5 V and 3.3 V
Per CIS (VPP)
Ground
Ground
Ground
Ground
5 V
16-bit PC Card
5 V, 3.3 V, and
X.X V
Per CIS (VPP)
Ground
Ground
Open
Ground
LV
16-bit PC Card
3.3 V
Per CIS (VPP)
Ground
Connect to
CVS1
Open
Connect to
CCD1
LV
CardBus PC Card
3.3 V
Per CIS (VPP)
Ground
Ground
Ground
Ground
LV
16-bit PC Card
3.3 V and X.X V
Per CIS (VPP)
Connect to
CVS2
Ground
Connect to
CCD2
Ground
LV
CardBus PC Card
3.3 V and X.X V
Per CIS (VPP)
Connect to
CVS1
Ground
Ground
Connect to
CCD2
LV
CardBus PC Card
3.3 V, X.X V,
and Y.Y V
Per CIS (VPP)
Ground
Ground
Ground
Open
LV
16-bit PC Card
X.X V
Per CIS (VPP)
Connect to
CVS2
Ground
Connect to
CCD2
Open
LV
CardBus PC Card
3.3 V
1.8 V (VCORE)
Ground
Connect to
CVS2
Connect to
CCD1
Open
LV
CardBus PC Card
X.X V and Y.Y V
Per CIS (VPP)
Connect to
CVS1
Ground
Open
Connect to
CCD2
LV
CardBus PC Card
Y.Y V
Per CIS (VPP)
Ground
Connect to
CVS1
Ground
Connect to
CCD1
LV
UltraMedia
Per query terminals
Ground
Connect to
CVS2
Connect to
CCD1
Ground
Reserved
Reserved
3.6.4
Flash Media Card Detection
The PCI7x20 device detects an MMC/SD card insertion through the MC_CD_0 terminal. When this terminal is 0, an
MMC/SD card is inserted in the socket. The PCI7x20 device debounces the MC_CD_0 signal such that instability
of the signal does not cause false card insertions. The debounce time is approximately 50 ms. The MC_CD_0 signal
is not debounced on card removals. The filtered MC_CD_0 signal is used in the MMC/SD card detection and power
control logic.
The MMC/SD card detection and power control logic contains three main states:
•
Socket empty, power off
•
Card inserted, power off
•
Card inserted, power on
The PCI7x20 device detects a Memory Stick card insertion through the MC_CD_1 terminal. When this terminal is
0, a Memory Stick card is inserted in the socket. The PCI7x20 device debounces the MC_CD_1 signal such that
instability of the signal does not cause false card insertions. The debounce time is approximately 50 ms. The
MC_CD_1 signal is not debounced on card removals. The filtered MC_CD_1 signal is used in the Memory Stick card
detection and power control logic.
The Memory Stick card detection and power control logic contains three main states:
•
Socket empty, power off
•
Card inserted, power off
•
Card inserted, power on
3.6.5
Power Switch Interface
The power switch interface of the PCI7x20 device is a 3-pin serial interface. This 3-pin interface is implemented such
that the PCI7x20 device can connect to both the TPS2226 and TPS2228 power switches. Bit 10 (12V_SW_SEL) in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com