Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 12Page - Texas Instruments PCI7620 Datasheet HTML 13Page - Texas Instruments PCI7620 Datasheet HTML 14Page - Texas Instruments PCI7620 Datasheet HTML 15Page - Texas Instruments PCI7620 Datasheet HTML 16Page - Texas Instruments PCI7620 Datasheet HTML 17Page - Texas Instruments PCI7620 Datasheet HTML 18Page - Texas Instruments PCI7620 Datasheet HTML 19Page - Texas Instruments PCI7620 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 248 page
background image
1–1
1 Introduction
The Texas Instruments PCI7620 device is an integrated dual-socket PC Card controller, Smart Card controller, IEEE
1394 open HCI host controller, and PHY, Secure Digital (SD)/MultiMediaCard (MMC), and Memory Stick
(MS)/MS-Pro controller. This high-performance integrated solution provides the latest in PC Card, Smart Card, IEEE
1394, SD, MMC, and Memory Stick technology.
The Texas Instruments PCI7420 device is an integrated dual-socket PC Card controller, IEEE 1394 Open HCI host
controller, and PHY, SD/MMC MS/MS-Pro controller. This high-performance integrated solution provides the latest
in PC Card, IEEE 1394, SD, MMC, and Memory Stick technology.
For the remainder of this document, the PCI7x20 device refers to both devices: PCI7620 and PCI7420.
1.1
Description
The PCI7620 and PCI7420 are four-function PCI devices compliant with PCI Local Bus Specification, Revision 2.3.
Functions 0 and 1 provide the independent PC Card socket controllers compliant with the PC Card Standard
(Release 8.0). The PCI7x20 device provides features that make it the best choice for bridging between the PCI bus,
PC Cards, and Smart Cards and supports any combination of 16-bit, CardBus PC Cards, or Smart Card adapter in
the socket powered at 5 V or 3.3 V, as required.
There are no PCMCIA card and socket service software changes required to move systems from the existing
CardBus socket controller to the PCI7x20 device. The PCI7x20 device is register compatible with the Intel
82365SL-DF ExCA controller and implements the host interface defined in the PC Card Standard. The PCI7x20
internal data path logic allows the host to access 8-, 16-, and 32-bit cards using full 32-bit PCI cycles for maximum
performance. Independent buffering and the pipeline architecture provides an unsurpassed performance level with
sustained bursting. The PCI7x20 device can be programmed to accept posted writes to improve bus utilization. All
card signals are internally buffered to allow hot insertion and removal without external buffering.
Function 2 of the PCI7x20 device is an integrated IEEE 1394a-2000 open host controller interface (OHCI)
PHY/link-layer controller (LLC) device that is fully compliant with the PCI Local Bus Specification, the PCI Bus Power
Management Interface Specification, IEEE Std 1394-1995, IEEE Std 1394a-2000, and the 1394 Open Host
Controller Interface Specification. It is capable of transferring data between the 33-MHz PCI bus and the 1394 bus
at 100M bits/s, 200M bits/s, and 400M bits/s. The PCI7x20 device provides two 1394 ports that have separate cable
bias (TPBIAS). The PCI7x20 device also supports the IEEE Std 1394a-2000 power-down features for
battery-operated applications and arbitration enhancements.
As required by the 1394 Open Host Controller Interface Specification and IEEE Std 1394a-2000, internal control
registers are memory-mapped and nonprefetchable. The PCI configuration header is accessed through configuration
cycles specified by PCI, and it provides plug-and-play (PnP) compatibility. Furthermore, the PCI7x20 device is
compliant with the PCI Bus Power Management Interface Specification. The PCI7x20 device supports the D0, D1,
D2, and D3 power states.
The PCI7x20 design provides PCI bus master bursting, and is capable of transferring a cacheline of data at
132M bytes/s after connection to the memory controller. Because PCI latency can be large, deep FIFOs are provided
to buffer the IEEE 1394 data.
The PCI7x20 device provides physical write posting buffers and a highly-tuned physical data path for SBP-2
performance. The PCI7x20 device also provides multiple isochronous contexts, multiple cacheline burst transfers,
advanced internal arbitration, and bus-holding buffers.
The PCI7x20 PHY-layer provides the digital and analog transceiver functions needed to implement a two-port node
in a cable-based 1394 network. Each cable port incorporates two differential line transceivers. The transceivers
include circuitry to monitor the line conditions as needed for determining connection status, for initialization and
arbitration, and for packet reception and transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com