Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 28Page - Texas Instruments PCI7620 Datasheet HTML 29Page - Texas Instruments PCI7620 Datasheet HTML 30Page - Texas Instruments PCI7620 Datasheet HTML 31Page - Texas Instruments PCI7620 Datasheet HTML 32Page - Texas Instruments PCI7620 Datasheet HTML 33Page - Texas Instruments PCI7620 Datasheet HTML 34Page - Texas Instruments PCI7620 Datasheet HTML 35Page - Texas Instruments PCI7620 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 248 page
background image
2–11
Table 2–6. PCI System Terminals
TERMINAL
I/O
DESCRIPTION
NAME
NUMBER
I/O
DESCRIPTION
GRST
N05
I
Global reset. When the global reset is asserted, the GRST signal causes the PCI7X20 device to place all output
buffers in a high-impedance state and reset all internal registers. When GRST is asserted, the device is
completely in its default state. For systems that require wake-up from D3, GRST is normally asserted only
during initial boot. PRST must be asserted following initial boot so that PME context is retained when
transitioning from D3 to D0. For systems that do not require wake-up from D3, GRST must be tied to PRST.
When the SUSPEND mode is enabled, the device is protected from the GRST, and the internal registers are
preserved. All outputs are placed in a high-impedance state, but the contents of the registers are preserved.
PCLK
R01
I
PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI signals are sampled at the rising
edge of PCLK.
PRST
P03
I
PCI bus reset. When the PCI bus reset is asserted, PRST causes the PCI7x20 device to place all output buffers
in a high-impedance state and reset some internal registers. When PRST is asserted, the device is completely
nonfunctional.
When SUSPEND is asserted, the device is protected from PRST clearing the internal registers. All outputs are
placed in a high-impedance state, but the contents of the registers are preserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com