Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 65 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 65 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 61Page - Texas Instruments PCI7620 Datasheet HTML 62Page - Texas Instruments PCI7620 Datasheet HTML 63Page - Texas Instruments PCI7620 Datasheet HTML 64Page - Texas Instruments PCI7620 Datasheet HTML 65Page - Texas Instruments PCI7620 Datasheet HTML 66Page - Texas Instruments PCI7620 Datasheet HTML 67Page - Texas Instruments PCI7620 Datasheet HTML 68Page - Texas Instruments PCI7620 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 248 page
background image
3–20
Table 3–12. Interrupt Pin Register Cross Reference
INTRTIE Bit
TIEALL Bit
INTPIN
Function 0
(CardBus)
INTPIN
Function 1
(CardBus)
INTPIN
Function 2
(1394 OHCI)
INTPIN
Function 3
(Flash Media)
0
0
0x01 (INTA)
0x02 (INTB)
0x03 (INTC)
Determined by bits 6–5 (INT_SEL
field) in flash media general control
1
0
0x01 (INTA)
0x01 (INTA)
0x03 (INTC)
field) in flash media general control
register (see Section 11.21)
X
1
0x01 (INTA)
0x01 (INTA)
0x01 (INTA)
0x01 (INTA)
3.8.5
Using Serialized IRQSER Interrupts
The serialized interrupt protocol implemented in the PCI7x20 device uses a single terminal to communicate all
interrupt status information to the host controller. The protocol defines a serial packet consisting of a start cycle,
multiple interrupt indication cycles, and a stop cycle. All data in the packet is synchronous with the PCI clock. The
packet data describes 16 parallel ISA IRQ signals and the optional 4 PCI interrupts INTA, INTB, INTC, and INTD. For
details on the IRQSER protocol, refer to the document Serialized IRQ Support for PCI Systems.
3.8.6
SMI Support in the PCI7x20 Device
The PCI7x20 device provides a mechanism for interrupting the system when power changes have been made to the
PC Card socket interfaces. The interrupt mechanism is designed to fit into a system maintenance interrupt (SMI)
scheme. SMI interrupts are generated by the PCI7x20 device, when enabled, after a write cycle to either the socket
control register (CB offset 10h, see Section 6.5) of the CardBus register set, or the ExCA power control register (ExCA
offset 02h/42h/802h, see Section 5.3) causes a power cycle change sequence to be sent on the power switch
interface.
The SMI control is programmed through three bits in the system control register (PCI offset 80h, see Section 4.29).
These bits are SMIROUTE (bit 26), SMISTATUS (bit 25), and SMIENB (bit 24). Table 3–13 describes the SMI control
bits function.
Table 3–13. SMI Control
BIT NAME
FUNCTION
SMIROUTE
This shared bit controls whether the SMI interrupts are sent as a CSC interrupt or as IRQ2.
SMISTAT
This socket-dependent bit is set when an SMI interrupt is pending. This status flag is cleared by writing back a 1.
SMIENB
When set, SMI interrupt generation is enabled. This bit is shared by functions 0 and 1.
If CSC SMI interrupts are selected, then the SMI interrupt is sent as the CSC on a per-socket basis. The CSC interrupt
can be either level or edge mode, depending upon the CSCMODE bit in the ExCA global control register (ExCA offset
1Eh/5Eh/81Eh, see Section 5.20).
If IRQ2 is selected by SMIROUTE, then the IRQSER signaling protocol supports SMI signaling in the IRQ2 IRQ/Data
slot. In a parallel ISA IRQ system, the support for an active low IRQ2 is provided only if IRQ2 is routed to either
MFUNC3 or MFUNC6 through the multifunction routing status register (PCI offset 8Ch, see Section 4.36).
3.9
Power Management Overview
In addition to the low-power CMOS technology process used for the PCI7x20 device, various features are designed
into the device to allow implementation of popular power-saving techniques. These features and techniques are as
follows:
•
Clock run protocol
•
Cardbus PC Card power management
•
16-bit PC Card power management
•
Suspend mode
•
Ring indicate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com