Electronic Components Datasheet Search
  English  ▼

X  

PCI7620 Datasheet(PDF) 17 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 13Page - Texas Instruments PCI7620 Datasheet HTML 14Page - Texas Instruments PCI7620 Datasheet HTML 15Page - Texas Instruments PCI7620 Datasheet HTML 16Page - Texas Instruments PCI7620 Datasheet HTML 17Page - Texas Instruments PCI7620 Datasheet HTML 18Page - Texas Instruments PCI7620 Datasheet HTML 19Page - Texas Instruments PCI7620 Datasheet HTML 20Page - Texas Instruments PCI7620 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 248 page
background image
1–2
The PCI7x20 PHY-layer requires only an external 24.576-MHz crystal as a reference for the cable ports. An external
clock may be provided instead of a crystal. An internal oscillator drives an internal phase-locked loop (PLL), which
generates the required 393.216-MHz reference signal. This reference signal is internally divided to provide the clock
signals that control transmission of the outbound encoded strobe and data information. A 49.152-MHz clock signal
is supplied to the integrated LLC for synchronization and is used for resynchronization of the received data. Data bits
to be transmitted through the cable ports are received from the integrated LLC and are latched internally in
synchronization with the 49.152-MHz system clock. These bits are combined serially, encoded, and transmitted at
98.304M, 196.608M, or 393.216M bits/s (referred to as S100, S200, or S400 speeds, respectively) as the outbound
data-strobe information stream. During transmission, the encoded data information is transmitted differentially on the
twisted-pair B (TPB) cable pair(s), and the encoded strobe information is transmitted differentially on the twisted-pair
A (TPA) cable pair(s).
Function 3 of the PCI7620 and PCI7420 devices is a dedicated socket that supports SD, MMC, Memory Stick, and
Memory Stick-Pro cards. The Flash Media dedicated socket provides separate terminals for SD/MMC and Memory
Stick signals so that both an SD/MMC card and a Memory Stick/Memory Stick-Pro card can be used concurrently.
Various implementation specific functions and general-purpose inputs and outputs are provided through eight
multifunction terminals. These terminals present a system with options in PCI LOCK, serial and parallel interrupts,
PC Card activity indicator LEDs, and other platform specific signals. PCI-compliant general-purpose events may be
programmed and controlled through the multifunction terminals, and an ACPI-compliant programming interface is
included for the general-purpose inputs and outputs.
The PCI7x20 device is compliant with the latest PCI Bus Power Management Specification, and provides several
low-power modes, which enable the host power system to further reduce power consumption.
The PCI7x20 device also has a three-pin serial interface compatible with both the Texas Instruments TPS2226 and
TPS2228 power switches. The TPS2226 or TPS2228 power switch provides power to the two CardBus sockets on
the PCI7x20 device. The power to each dedicated socket is controlled through separate power control terminals.
Each of these power control pins can be connected to an external 3.3-V power switch.
1.2
Features
The PCI7x20 device supports the following features:
•
PC Card Standard 8.0 compliant
•
PCI Bus Power Management Interface Specification 1.1 compliant
•
Advanced Configuration and Power Interface (ACPI) Specification 2.0 compliant
•
PCI Local Bus Specification Revision 2.3 compliant
•
PC 98/99 and PC2001 compliant
•
Compliant with the PCI Bus Interface Specification for PCI-to-CardBus Bridges
•
Fully compliant with provisions of IEEE Std 1394-1995 for a high-performance serial bus and IEEE Std
1394a-2000
•
Fully compliant with 1394 Open Host Controller Interface Specification 1.1
•
1.8-V core logic and 3.3-V I/O cells with internal voltage regulator to generate 1.8-V core VCC
•
Universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
•
Supports PC Card or CardBus with hot insertion and removal
•
Supports 132-MBps burst transfers to maximize data throughput on both the PCI bus and the CardBus
•
Supports serialized IRQ with PCI interrupts
•
Programmable multifunction terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com